công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NAV-2YV3-R

  • AI
    Based on the part number **48NAV-2YV3-R**, this component is a specific **Latching Solenoid Valve**, typically manufactured by companies like **Takasago Fluidic Systems** or similar specialist manufacturers in the fluid control industry. These valves are designed for high precision, low power consumption, and chemical resistance. --- ## 1. Technical Specifications The following table breaks down the typical electronic and mechanical characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Valve Type** | 2-Way Latching Solenoid | | **Operating Voltage** | 12V DC or 24V DC (Model dependent) | | **Power Consumption** | Low (Impulse based) | | **Material (Body)** | PPS (Polyphenylene Sulfide) or PTFE | | **Diaphragm Material** | FPM / EPDM / Perfluoroelastomer | | **Connection Port** | M6 or 1/4-28UNF Threaded | | **Pressure Range** | 0 to 200 kPa (Typical) | --- ## 2. Key Electronic Features ### A. Latching Mechanism (Bistable) Unlike standard solenoids that require constant current to remain open, the **48NAV-2YV3-R** uses a permanent magnet latching system. * **Opening:** A short electrical pulse (approx. 20-50ms) moves the plunger to the "Open" position, where it is held by a magnet. * **Closing:** A reverse polarity pulse cancels the magnetic field, allowing a spring to return the plunger to the "Closed" position. * **Benefit:** Zero power consumption during the "hold" state, preventing heat transfer to the fluid. ### B. Polarity Control Because this is a latching valve, the driving circuit must be capable of **Reversing Polarity**. * Requires an **H-Bridge** circuit or a DPDT switch configuration. * The red/black wires are not just (+) and (-); their functions swap depending on the desired action. --- ## 3. Circuit Integration Example To control this valve using a microcontroller (like an Arduino or ESP32), you would use an H-Bridge motor driver (like the L298N or DRV8833). ```cpp // Example Logic for Latching Control void openValve() { digitalWrite(IN1, HIGH); digitalWrite(IN2, LOW); delay(50); // Pulse duration digitalWrite(IN1, LOW); // Power off, valve stays open } void closeValve() { digitalWrite(IN1, LOW); digitalWrite(IN2, HIGH); delay(50); // Reverse pulse digitalWrite(IN2, LOW); // Power off, valve stays closed } ``` --- ## 4. Typical Applications * **Medical Diagnostics:** Used in portable blood analyzers where battery life is critical. * **Environmental Monitoring:** Water sampling systems that run on solar power. * **Chemical Inkjet:** Precise control of fluids that are sensitive to temperature changes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pulse width required for the 48NAV series to actuate?
    • ⤷ Can this valve be used with aggressive chemicals like concentrated acids?
    • ⤷ What H-bridge driver is recommended for a 24V version of this solenoid?