AI

The part number **48NAT-4RH1-R** typically refers to a high-density, small-form-factor **Multi-Port Magnetic Jack (RJ45)**, often used in networking hardware like switches, routers, and servers. These components combine the physical RJ45 connector with internal "magnetics" (transformers and chokes) required for Ethernet communication.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical characteristics associated with this class of electronic component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 Multi-port (Stackable or Gang) |
| **Configuration** | 2x4 or 4-port (varies by sub-series) |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Magnetics** | Integrated Transformers & Common Mode Chokes |
| **Mounting Type** | Through-Hole (THT) / Right Angle |
| **Shielding** | Metal Shielded (EMI protection) |
| **LEDs** | Often includes Green/Yellow status indicators |
---
### 2. Key Internal Components
The "NAT" series usually integrates several critical electronic functions inside the metal housing:
1. **Isolation Transformers:** Provides 1500Vrms isolation between the cable and the PHY (Physical Layer) chip to protect sensitive circuitry from power surges.
2. **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise to ensure signal integrity over long cable runs.
3. **Termination Resistors/Capacitors:** Often includes "Bob Smith" termination to reduce common-mode reflections.
---
### 3. Pinout & Schematic Logic
While specific pinouts depend on the manufacturer (such as Amphenol or Pulse), a standard schematic for a Gigabit port looks like this:
```cpp
// Logic representation of a single port in the 48NAT series
[RJ45 Pins] <--> [Common Mode Choke] <--> [Isolation Transformer] <--> [PCB Pins/PHY]
1,2 (TRD0+) -----------------------------------------------------> PHY_0+
3,6 (TRD1+) -----------------------------------------------------> PHY_1+
4,5 (TRD2+) -----------------------------------------------------> PHY_2+
7,8 (TRD3+) -----------------------------------------------------> PHY_3+
```
---
### 4. Application Areas
* **Networking Gear:** Ethernet switches, hubs, and industrial gateways.
* **Computing:** High-end server motherboards and Network Interface Cards (NICs).
* **Industrial:** PLCs and automation controllers that require rugged, shielded Ethernet connections.
- ⤷
What is the exact footprint dimensions for the 48NAT-4RH1-R on a PCB?
- ⤷ Does this specific model support PoE (Power over Ethernet)?
- ⤷ What are the common alternatives from brands like MagJack or TE Connectivity?