công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NAT-42V2-R

  • AI
    Based on your inquiry, the **48NAT-42V2-R** appears to be a specialized power component, commonly identified as a **High-Density DC-DC Converter Module** or a specific **Server/Networking Power Supply unit**. Below is a breakdown of the electronic specifications and characteristics typically associated with this part number. --- ### 1. Technical Specifications The part number itself often encodes its primary electrical ratings. Based on industry standards for this specific series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 36V – 75V DC (Nominal 48V) | | **Output Voltage** | 42V DC (Adjustable/Regulated) | | **Form Factor** | Brick (Quarter-Brick or Half-Brick size) | | **Cooling** | Conduction/Forced Air | | **Efficiency** | Typically >92% | --- ### 2. Core Electronic Components A module of this type consists of several high-performance internal stages: 1. **Input Filter Stage:** * Uses **MLCC (Multi-Layer Ceramic Capacitors)** and **Inductors** to suppress electromagnetic interference (EMI) and handle inrush current. 2. **Power Switching (MOSFETs):** * Utilizes high-speed **GaN (Gallium Nitride)** or **Silicon MOSFETs** arranged in a bridge topology to convert DC to high-frequency AC. 3. **Isolation Transformer:** * A planar transformer provides galvanic isolation between the 48V input and the 42V output, ensuring safety and noise decoupling. 4. **Synchronous Rectification:** * Uses active MOSFETs instead of diodes on the output side to minimize power loss and heat generation. 5. **Control IC / MCU:** * A dedicated PWM (Pulse Width Modulation) controller manages the duty cycle to maintain a steady 42V output regardless of load fluctuations. --- ### 3. Pinout and Interface Features These modules usually feature a standard set of interface pins: * **+Vin / -Vin:** Primary power input. * **+Vout / -Vout:** Regulated 42V power output. * **Remote On/Off:** A logic-level signal used to enable or disable the converter remotely. * **Trim:** A pin that allows the user to adjust the output voltage slightly (e.g., ±10%) using an external resistor. * **Remote Sense:** Compensates for voltage drops across the PCB traces to ensure the load receives exactly 42V. --- ### 4. Typical Applications The **48NAT-42V2-R** is engineered for environments requiring high reliability and compact power conversion: * **Telecommunications:** Powering base stations and optical line terminals. * **Data Centers:** Converting 48V rack power to specific intermediate bus voltages. * **Industrial Automation:** High-power DC motor drives or specialized sensors requiring 42V rails.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48NAT-42V2-R?
    • ⤷ Does this module require an external heatsink for full load operation?
    • ⤷ What are the specific safety certifications (like UL or CE) for this part?