48NAR-2RH4-R/F
AI

The part number **48NAR-2RH4-R/F** refers to a high-precision **NTC (Negative Temperature Coefficient) Thermistor**, typically manufactured by companies like SEMITEC or specialized thermal component providers.
These components are used for temperature sensing, compensation, and control. Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Component Overview
The **48NAR** series is characterized by its miniature size and high stability. The suffix codes define the resistance value, tolerance, and physical packaging.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | NTC Thermistor |
| **Resistance at 25°C** | 4.8 kΩ (Nominal) |
| **Configuration** | Leadless or Radial Lead (depending on specific R/F housing) |
| **Material** | Metal Oxide Ceramic |
| **Accuracy/Tolerance** | Typically ±1% to ±3% (indicated by 'H' or 'J' codes) |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly, the nomenclature generally follows this logic:
| Code | Description |
| :--- | :--- |
| **48** | Resistance value indicator (Base value of 4.8) |
| **NAR** | Series identifier (High-sensitivity NTC) |
| **2** | Multiplier or B-constant identifier |
| **RH4** | Form factor/Housing style (Small resin-coated or ring terminal) |
| **R/F** | RoHS Compliant / Lead-Free designation |
---
### 3. Electrical Characteristics
NTC thermistors operate on the principle that **resistance decreases as temperature increases**.
* **B-Constant:** This value determines the slope of the resistance-temperature curve. For this series, it is usually optimized for the 25°C to 85°C range.
* **Operating Temperature:** Typically ranges from **-40°C to +125°C**.
* **Dissipation Factor:** The power required to raise the thermistor's temperature by 1°C (usually very low to prevent self-heating errors).
* **Thermal Time Constant:** The time it takes for the sensor to register 63.2% of a temperature change (generally < 5 seconds in air).
---
### 4. Typical Applications
These specific sensors are often found in:
1. **Battery Management Systems (BMS):** Monitoring cell temperatures in Li-ion packs.
2. **Home Appliances:** Temperature control in coffee makers, ovens, or refrigerators.
3. **Automotive:** Cabin temperature sensing or engine coolant monitoring.
4. **Industrial:** Overheat protection for power transistors and heat sinks.
---
### 5. Circuit Implementation
To use this part, it is typically placed in a **Voltage Divider** circuit as shown below:
```cpp
// Typical Arduino-style logic for reading this thermistor
float Vout = analogRead(A0);
float R_thermistor = R_fixed * (1023.0 / Vout - 1.0);
// Use Steinhart-Hart equation to convert R_thermistor to Temperature
```
- ⤷
What is the specific B-constant for the 48NAR series?
- ⤷ How do I calculate the temperature using the Steinhart-Hart equation?
- ⤷ Is this thermistor suitable for high-humidity environments?