48NAM-2BV-R/F
AI

The **48NAM-2BV-R/F** is a specific model designation typically associated with high-performance **AC/DC Cooling Fans**, often manufactured by companies like **NMB (MinebeaMitsumi)** or similar industrial fan providers.
Below is a breakdown of its technical specifications and electronic components.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Voltage** | 100V - 115V AC (Standard AC Line) |
| **Frequency** | 50 / 60 Hz |
| **Input Power** | Approx. 14W - 16W |
| **Bearing Type** | Dual Ball Bearing (indicated by "B") |
| **Frame Size** | 119mm x 119mm x 38mm (Typical 4.7 inch) |
| **Airflow** | High CFM (Cubic Feet per Minute) |
| **Termination** | Lead Wires or Faston Terminals |
---
### 2. Electronic Parts & Design
The "48NAM" series utilizes a specific architecture designed for longevity and thermal management.
#### Internal Motor Components:
* **Shaded Pole or Capacitor-Run Motor:** These fans typically use a single-phase induction motor. The internal windings are copper-coiled around a laminated steel stator.
* **Ball Bearings:** The "2BV" designation usually signifies a **Double Ball Bearing** system. This allows the fan to be mounted in any orientation (horizontal or vertical) and provides a longer MTBF (Mean Time Between Failures) compared to sleeve bearings.
* **Thermal Protection:** These units often feature an internal impedance protection or a thermal cutoff to prevent the motor from burning out if the blades are obstructed (locked rotor protection).
#### Material Composition:
* **Casing/Frame:** Usually Die-cast Aluminum (acts as a heat sink for the motor).
* **Impeller (Blades):** Reinforced Plastic (PBT) or Steel, depending on the specific environmental rating (R/F suffix).
---
### 3. Suffix Breakdown (R/F)
The suffix provides information regarding the electrical connection and safety ratings:
* **R/F:** Often stands for **RoHS Compliant** and **Frequency** specific or **Filtered**.
* In some industrial catalogs, the "F" indicates the fan includes a mounting flange or specific lead-wire configuration for grounding.
---
### 4. Applications
Because of its robust construction, this part is found in:
1. **Server Racks:** Constant cooling for networking hardware.
2. **Power Supplies:** Large industrial AC/DC converters.
3. **Control Cabinets:** Cooling for PLCs and industrial automation gear.
---
- ⤷
What is the MTBF (expected lifespan) for the dual ball bearing system in this fan?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What are the exact wiring color codes for the 48NAM-2BV-R/F?