công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NAM-21V-R

  • AI
    The **48NAM-21V-R** is a specific electronic component identifier, typically associated with **Piezoelectric Indicators (Buzzers)** or specialized acoustic transducers. These are widely used in industrial controls, medical devices, and security systems for audible alerts. --- ### 1. Technical Specifications While specific manufacturers (like Mallory or local industrial brands) may vary slightly, the "48NAM" series generally follows these parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Piezoelectric Audio Indicator | | **Operating Voltage** | 21V (Nominal range often 10-28V DC) | | **Sound Type** | Continuous or Pulsating (R-suffix often denotes Continuous) | | **Mounting Style** | Panel Mount (typically 30mm hole size) | | **Frequency** | ~2800 Hz to 3000 Hz | | **Sound Pressure Level (SPL)** | 80 - 95 dB at 2 feet | | **Termination** | Screw terminals or Quick-connect blades | --- ### 2. Key Electronic Features * **Piezoelectric Element:** Unlike electromagnetic buzzers that use a coil and magnet, this uses a ceramic disc that vibrates when voltage is applied. This makes it highly energy-efficient and resistant to magnetic interference. * **Integrated Circuitry:** The "21V" designation indicates internal oscillating circuitry. You do not need an external frequency generator; simply applying the DC voltage triggers the sound. * **Environmental Protection:** Many parts in this series are rated **NEMA 4X** or **IP65**, meaning they are water-tight and dust-tight when mounted correctly on a panel. --- ### 3. Wiring Configuration The device is polarized. Reversing the polarity will usually result in no sound, though most modern versions include reverse polarity protection. ```yaml Terminal [+] -> Positive DC Supply (21V - 28V) Terminal [-] -> Common / Ground ``` --- ### 4. Applications * **Industrial Panels:** Used as a fault alarm in PLC (Programmable Logic Controller) systems. * **Medical Equipment:** High-pitch alerts for patient monitoring. * **Safety Systems:** High-voltage warning indicators or machinery startup alerts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for this piezo indicator?
    • ⤷ Does the 'R' suffix indicate a specific tone type like 'Rapid' or 'Resonant'?
    • ⤷ Can this component be operated using a PWM signal for volume control?