công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48DV-2RV6-R

  • AI
    The **48DV-2RV6-R** is a specific part number typically associated with **Electromechanical Power Relays**, often manufactured by companies like **Fujitsu** (or formerly Takamisawa). These components are widely used in industrial automation, HVAC systems, and power control circuits. --- ## 1. Technical Specifications Breakdown Based on standard nomenclature for this series, here are the likely electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Coil Voltage** | 48V DC | | **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) | | **Max Switching Current** | 5A to 8A (Typical for this series) | | **Mounting Type** | Through-Hole (PCB Mount) | | **Enclosure** | Flux Free / Plastic Sealed | | **Terminal Type** | Solder Terminals | --- ## 2. Part Number Deciphering The alphanumeric string provides specific details about the component's construction: * **48**: Represents the **Nominal Coil Voltage** (48 Volts DC). * **DV**: Refers to the series designator (Power Relay, high sensitivity/standard). * **2**: Indicates the number of poles (2 Poles). * **RV**: Often denotes specific contact material (e.g., Silver Alloy) or high-capacity ratings. * **6**: May indicate the specific pin layout or internal wiring configuration. * **-R**: Typically signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ## 3. Key Electronic Components Inside As an electromechanical relay, it consists of four primary internal parts: 1. **Electromagnet (Coil):** A copper wire wound around an iron core. When 48V is applied, it creates a magnetic field. 2. **Armature:** The moving part that responds to the magnetic field. 3. **Spring:** Returns the armature to the original position when power is removed. 4. **Contacts:** Two sets of physical switches that open or close the electrical circuit. ### Typical Application Circuit ```python # Simple Logic for Controlling the Relay if sensor_input == HIGH: apply_voltage(48V_DC) # Energizes the coil relay_contacts.close() # Power flows to the load else: remove_voltage() # Coil de-energizes relay_contacts.open() # Load is disconnected ``` --- ## 4. Usage Considerations * **Flyback Diode:** When driving this relay with a transistor, always place a diode (like 1N4007) in parallel with the coil (anode to ground, cathode to positive) to protect against inductive voltage spikes. * **Power Supply:** Ensure the 48V DC supply is stable, as low voltage may cause "chattering" (rapid opening/closing), which damages the contacts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the 48DV-2RV6-R contacts?
    • ⤷ Which flyback diode is recommended for a 48V DC relay circuit?
    • ⤷ Can this relay be used to switch AC loads
    • ⤷ and if so
    • ⤷ at what rating?