công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48DV-2GV5-R

  • AI
    Based on the part number provided, **48DV-2GV5-R** typically refers to a specialized high-performance industrial cooling fan, often associated with manufacturers like **Nidec (Servo)**. These fans are commonly used in server racks, telecommunications infrastructure, and high-density industrial equipment. --- ### Technical Specifications Overview Below is a breakdown of the typical electronic and physical characteristics for this component: | Feature | Specification Details | | :--- | :--- | | **Voltage (Nominal)** | 48V DC | | **Operating Voltage Range** | 36V to 60V DC | | **Current / Power** | High-amperage (Often 1.0A to 2.5A depending on sub-series) | | **Bearing Type** | Dual Ball Bearing (for long life and high reliability) | | **Connector Type** | Usually 3-wire or 4-wire (PWM/Tachometer support) | | **Frame Size** | 120mm x 120mm x 38mm (Commonly) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### Key Electronic Components & Features The "48DV" series utilizes several internal electronic mechanisms to manage high-speed rotation and safety: 1. **Brushless DC (BLDC) Motor Control:** The fan uses an internal PCB with a driver IC to handle electronic commutation. Unlike brushed motors, this eliminates mechanical wear and reduces electromagnetic interference (EMI). 2. **Pulse Width Modulation (PWM) Input:** The "V" or "5" designations in these part numbers often indicate the presence of a speed control wire. This allows the system's motherboard or controller to adjust the RPM based on temperature sensors, optimizing energy efficiency. 3. **Tachometer (Frequency Generator) Output:** It includes a feedback circuit that sends a square-wave signal back to the controller. This allows the system to monitor the fan's actual speed and trigger an alarm if the fan stalls or fails. 4. **Locked Rotor Protection:** An integrated safety feature that cuts power to the motor coils if the blades are physically obstructed, preventing the electronics from overheating or burning out. 5. **Polarity Protection:** Diodes within the internal circuitry protect the fan from damage if the positive and negative power leads are accidentally reversed. --- ### Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **48** | Input Voltage (48 Volts) | | **DV** | Series/Motor Type (High-performance DC) | | **2G** | Speed Grade / Frame size code | | **V5** | Control options (Speed control/Sensor type) | | **-R** | RoHS Compliance / Environmental standard | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum CFM (airflow) for this specific fan model?
    • ⤷ How do I wire the 4-pin connector for PWM control?
    • ⤷ What are the compatible mounting brackets for the 48DV series?