48DV-2CV3-R
AI

The part number **48DV-2CV3-R** typically refers to a specific configuration of a high-performance **Electromagnetic Valve** or **Solenoid Valve**, often associated with precision fluid control or pneumatic systems (frequently manufactured by brands like **Koganei** or similar industrial automation firms).
Below is a breakdown of the electronic and physical components associated with this type of device.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | 3-Port Direct Acting Solenoid Valve |
| **Actuation** | Electromechanical (Solenoid) |
| **Voltage Options** | Typically 24V DC (Standard for "R" series) |
| **Response Time** | High-speed (Approx. 5–10ms) |
| **Fluid Media** | Air or Inert Gas |
---
### 2. Electronic Components & Internal Workings
#### A. The Solenoid Coil
The heart of the device is an electromagnetic coil. When electrical current passes through the copper windings, it creates a magnetic field.
* **Power Consumption:** Designed for low wattage to reduce heat buildup during continuous operation.
* **Insulation Class:** Usually Class B or H to withstand high internal temperatures.
#### B. The "R" Suffix (Electronic Features)
In industrial coding, the **-R** often signifies specific electronic enhancements:
* **Surge Suppression:** Includes a built-in metal-oxide varistor (MOV) or diode to prevent voltage spikes from damaging the PLC (Programmable Logic Controller) when the coil is de-energized.
* **LED Indicator:** Many versions include a small LED to provide visual feedback on the power status of the valve.
#### C. Connector Interface
* **Plug-in Lead Wire:** The electronic connection is usually made via a dedicated plug-in connector to allow for easy replacement without rewiring the entire system.
* **Polarity:** DC models are usually polarity-sensitive if an LED or suppression diode is integrated.
---
### 3. Functional Identification (Part Number Breakdown)
While specific to the manufacturer, the code generally follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **48DV** | Series Identifier (Valve body size and flow capacity) |
| **2** | Number of positions (2-position) |
| **CV3** | Porting and Valve type (3-port configuration) |
| **-R** | **Electronic Option:** Usually indicates a surge suppressor and indicator light |
---
### 4. Application in Circuits
These parts act as the interface between **Digital Logic** (Electronic) and **Mechanical Movement** (Pneumatic).
1. **Input:** A 24V DC signal from a Transistor or Relay output of a PLC.
2. **Processing:** The solenoid coil converts electrical energy into linear motion.
3. **Output:** The plunger moves, shifting the valve seat to allow or block air flow.
---
- ⤷
What is the maximum operating frequency (Hz) for this solenoid series?
- ⤷ Does the 'R' designation indicate a specific wiring pinout?
- ⤷ What are the common failure modes for the 48DV series electronics?