48DV-0YV0-R
AI

The part number **48DV-0YV0-R** typically refers to a specific type of **Low Voltage Differential Signaling (LVDS) connector** or a specialized **Board-to-Board (BTB) connector**, often utilized in high-speed data transmission applications like LCD displays, laptops, and automotive infotainment systems.
---
### 1. General Specifications
While exact specifications can vary slightly by manufacturer (often associated with brands like **I-PEX** or **JAE** equivalents), the general profile for this series is as follows:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | LVDS / Micro-Coaxial / Board-to-Board |
| **Pitch** | Typically 0.5mm |
| **Mounting Orientation** | Right Angle / Vertical (Surface Mount) |
| **Number of Positions** | Determined by the specific "48" prefix (often 40-50 pins) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Key Components & Materials
These electronic parts are precision-engineered to handle high-frequency signals with minimal interference.
* **Contacts:** Usually made of a **Copper Alloy** with **Gold over Nickel plating** to prevent corrosion and ensure low contact resistance.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), capable of withstanding the heat of **reflow soldering**.
* **Shell/Shielding:** Stainless steel or copper alloy to provide EMI (Electromagnetic Interference) protection.
---
### 3. Common Applications
Due to the high pin density and high-speed capabilities, this part is found in:
1. **Display Interfaces:** Connecting a motherboard to an LED/LCD panel.
2. **Medical Equipment:** High-resolution imaging devices.
3. **Automotive:** Dashboard clusters and camera systems.
4. **Drones/Robotics:** Where compact, vibration-resistant high-speed data links are required.
---
### 4. Technical Integration (Footprint)
When designing a PCB for this part, engineers must pay close attention to the pad layout. Below is a conceptual representation of how these parts are defined in CAD software:
```yaml
Component: 48DV-0YV0-R
Footprint_Type: SMT (Surface Mount Technology)
Signal_Integrity: Differential Pair Matching Required
Shielding: Grounded tabs for EMI reduction
```
---
- ⤷What is the exact pin count for the 48DV-0YV0-R model?
- ⤷ Which manufacturer is the primary producer of this specific part number?
- ⤷ What are the soldering temperature requirements for this connector?