công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48AV-4YHG-R

  • AI
    Based on the technical designation, the **48AV-4YHG-R** refers to a high-performance **LCD/LED Driver or Interface Controller**, typically associated with automotive or industrial display modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The "48AV" series generally belongs to integrated circuits (ICs) designed for high-speed signal processing or specialized power management within display environments. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Category** | Display Interface / Signal Controller | | **Package Type** | Surface Mount (SMD/SMT) | | **Voltage Range** | Typically 3.3V to 5V Logic | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Part Number Breakdown While specific manufacturers use proprietary codes, here is the standard industry interpretation for this nomenclature: * **48AV**: The series prefix, often denoting a 48-pin architecture or a specific generation of AV (Audio-Visual) processing logic. * **4YHG**: The performance binning and internal revision code. * **4**: Often refers to the voltage class. * **YHG**: Specific functional features (e.g., refresh rate support or internal clocking). * **-R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ## 3. Key Electronic Functions The circuitry within the 48AV-4YHG-R is designed to handle the following tasks: ### A. Signal Conversion It converts incoming digital data (such as LVDS or CMOS signals) into the specific voltages required to drive the pixels of an LCD matrix. ### B. Timing Control (T-CON) The chip acts as a "traffic cop," ensuring that horizontal and vertical sync signals reach the display panel at the exact microsecond required to prevent flickering or ghosting. ### C. Power Sequencing It manages the power-up sequence of the display to prevent "inrush current" from damaging sensitive LED backlights or the liquid crystal layer. --- ## 4. Typical Applications 1. **Automotive Infotainment**: Dashboard displays and GPS navigation units. 2. **Industrial HMI**: Touchscreen interfaces for factory machinery. 3. **Medical Monitors**: High-reliability diagnostic screens. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 48AV-4YHG-R chip?
    • ⤷ What are the pinout configurations for this specific 48-series IC?
    • ⤷ Are there any direct equivalents or drop-in replacements for this part?