AI

The part number **48AV-4YHA-R** refers to a specific type of **high-performance DC Axial Fan**, typically manufactured by companies like **Nidec (formerly UltraFlo/Servo)**. These fans are commonly used in enterprise-level networking equipment, servers, and industrial cooling applications.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 48V DC |
| **Operating Voltage Range** | 36V to 72V DC |
| **Dimensions** | 40mm x 40mm x 28mm (Commonly 4028 size) |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Termination** | 4-Wire (Power, Ground, Tachometer, PWM) |
| **Housing Material** | UL 94V-0 Plastic or Aluminum |
---
### 2. Key Electronic Components & Features
#### A. Brushless DC (BLDC) Motor
At the core of the part is a BLDC motor. Unlike brushed motors, these use an electronic controller to switch the current to the motor windings, which reduces friction, noise, and electromagnetic interference (EMI).
#### B. The 4-Wire Interface
This fan uses a standard 4-wire control scheme, which is critical for modern server management:
1. **Red (+):** Power supply (48V).
2. **Black (-):** Ground.
3. **Yellow/White (Tachometer):** Outputs a frequency signal proportional to the fan speed (RPM) for system monitoring.
4. **Blue/Green (PWM Control):** Allows the system to vary the fan speed based on cooling demand, significantly reducing power consumption.
#### C. Integrated Protection Circuits
* **Auto-Restart:** If the blades are obstructed, the internal IC shuts down power to the coils to prevent overheating and attempts to restart once the obstruction is cleared.
* **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly.
---
### 3. Application Use Cases
Due to its **48V** rating (higher than the standard 12V found in PCs), this part is specifically engineered for:
* **Telecommunications:** Cooling for base stations and routers.
* **Data Centers:** High-density server racks where 48V power distribution is standard.
* **Industrial Automation:** Power supplies and motor drives.
---
- ⤷
What are the specific RPM and CFM ratings for the 48AV-4YHA-R?
- ⤷ How do I interpret the PWM signal to control the speed of this fan?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for this model?