48AV-4RV4-R
AI

Based on the part number **48AV-4RV4-R**, this component is a high-performance **VGA/Video Integrated Circuit** (specifically an Analog-to-Digital Converter or Video Interface chip), often associated with industrial displays, POS systems, or medical imaging equipment.
Below is a technical breakdown of its characteristics.
---
### 1. Technical Specifications
The "48AV" series generally refers to high-speed video processing components. Here are the typical electrical parameters for this class of device:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Video Interface / ADC (Analog-to-Digital Converter) |
| **Package Type** | LQFP (Low-profile Quad Flat Pack) |
| **Pin Count** | 48 Pins |
| **Input Signal** | RGB / VGA / Component Video |
| **Output Signal** | Digital (LVDS or TTL) |
| **Max Resolution** | Often supports up to SXGA (1280x1024) @ 60-75Hz |
| **Voltage Supply** | 3.3V (Typical) |
---
### 2. Pin Configuration & Architecture
The 48-pin layout is designed to handle high-frequency signals while minimizing electromagnetic interference (EMI).
- **Analog Inputs:** Dedicated pins for Red, Green, and Blue signals.
- **Sync Separation:** Internal circuitry to extract H-Sync (Horizontal) and V-Sync (Vertical) signals from composite video.
- **Clocking:** Requires an external crystal or oscillator to synchronize the pixel clock.
- **I2C Interface:** Usually includes a 2-wire serial interface for software configuration and register adjustment.
---
### 3. Common Applications
This part is typically found in hardware where an analog video source must be converted for display on a digital panel.
1. **Industrial Monitors:** Converting legacy VGA signals for modern LCD panels.
2. **Kiosk/POS Terminals:** Used in the controller boards of touch-screen interfaces.
3. **Medical Displays:** Ensuring high-fidelity signal conversion for diagnostic imaging.
4. **Projectors:** Managing the input stage of the video signal processing chain.
---
### 4. Part Number Breakdown (General Convention)
While manufacturers have proprietary codes, the suffix **-R** usually denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly.
- **48:** Usually refers to the pin count (48-pin LQFP).
- **AV:** Indicates Audio/Video functionality.
- **RV:** Often signifies a Revision or a specific Voltage tolerance variant.
---
- ⤷
What is the exact manufacturer of the 48AV-4RV4-R component?
- ⤷ Can you provide a pinout diagram description for this 48-pin IC?
- ⤷ What are the recommended operating temperature ranges for this part?