công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48AV-4RH0-R

  • AI
    Based on the part number **48AV-4RH0-R**, this component is a specific type of **Rotary Potentiometer** or **Encoder**, typically manufactured by companies like **Alpha** or similar specialized electronic component providers. These are commonly used in audio equipment, industrial controls, and household appliances. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Rotary Potentiometer | A variable resistor used to control electrical signals. | | **Resistance Value** | Variable | Usually indicated by trailing digits (though 4RH0 is a specific series code). | | **Terminal Style** | Horizontal / Right Angle | The "R" usually indicates a right-angle mounting for PCB edge placement. | | **Shaft Type** | Flatted / Knurled | Design for knob attachment. | | **RoHS Status** | Compliant | The "-R" suffix often denotes Lead-Free/RoHS compliance. | --- ## 2. Key Electronic Functions The 48AV-4RH0-R serves several critical roles in a circuit: 1. **Voltage Division:** It acts as a voltage divider to provide a variable output voltage based on the position of the mechanical shaft. 2. **Signal Modulation:** Used to adjust parameters such as volume, gain, or frequency in analog circuits. 3. **Human-Machine Interface (HMI):** Converts mechanical rotation into an electrical signal that a microcontroller or analog circuit can interpret. --- ## 3. Physical Construction * **Resistive Element:** Typically made of carbon film or cermet. * **Wiper:** A moving contact that slides along the resistive element. * **Housing:** Metal or plastic casing designed to protect the internal contacts and provide structural integrity when soldered to a PCB. * **Mounting:** Designed for Through-Hole Technology (THT) with pins spaced for standard breadboards or production PCBs. --- ## 4. Common Applications * **Audio Equipment:** Volume knobs on guitar amplifiers, mixers, and synthesizers. * **Test Equipment:** Fine-tuning dials on oscilloscopes or power supplies. * **Lighting Controls:** Dimmer switches and color temperature adjustments. * **Industrial Panels:** Setting speed or time parameters on control boards.
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance value for this specific model?
    • ⤷ Can this part be substituted with a vertical mounting version?
    • ⤷ What are the power rating limitations for the 48AV series?