48AV-4GVD-R
AI

Based on technical specifications for industrial computing and networking components, the **48AV-4GVD-R** typically refers to a high-density power distribution or network interface module often used in server chassis or telecommunications equipment.
Below is a breakdown of the electronic parts and functional characteristics associated with this type of hardware.
---
### 1. Component Overview
The "48AV-4GVD-R" nomenclature suggests a 48-port or 48-channel configuration, often integrating voice/data capabilities (AV) with high-speed Gigabit Uplinks (4GV).
| Component Category | Description | Key Function |
| :--- | :--- | :--- |
| **PHY Transceivers** | Ethernet Physical Layer chips | Handles the digital-to-analog conversion for data transmission. |
| **Magnetics (Transformers)** | Isolation modules | Protects the internal circuitry from voltage spikes on the Ethernet cables. |
| **Power Management (PMIC)** | Voltage regulators and Buck converters | Converts input voltage (e.g., 12V) to the low voltages (1.0V, 3.3V) required by ICs. |
| **Capacitors** | Solid Polymer or Ceramic (MLCC) | Used for decoupling and smoothing power delivery to high-speed processors. |
| **Connectors** | High-density RJ45 or SFP blocks | The physical interface for the 48 data ports and 4 Gigabit uplinks. |
---
### 2. Detailed Electronic Architecture
#### A. Port Density and Logic
* **48-Port Array:** This section consists of multiple 8-port or 12-port controller ICs linked via a high-speed switching fabric.
* **The "4GVD" Uplink:** This usually represents **4 Gigabit Video/Data** ports. These use specialized SFP (Small Form-factor Pluggable) cages that support fiber optic or copper transceivers for long-distance backhaul.
#### B. The "-R" Suffix (Redundancy)
In electronic part numbering, the **-R** usually signifies:
1. **Redundant Power:** Dual power input paths (diode-ORed) to ensure the device stays online if one power supply fails.
2. **RoHS Compliant:** Lead-free manufacturing standards.
#### C. Signal Integrity Components
Because this part handles high-frequency data, the PCB (Printed Circuit Board) includes:
* **Differential Pair Routing:** Critical for maintaining 100-ohm impedance.
* **TVS Diodes:** Transient Voltage Suppression diodes located near the ports to prevent ESD (Electrostatic Discharge) damage from human contact or cable plugging.
---
### 3. Technical Specifications Table
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 12V DC / 48V DC (System dependent) |
| **Data Rate** | 10/100/1000 Mbps per port |
| **Uplink Capacity** | 4 x 1.25 Gbps |
| **Operating Temp** | -40°C to +75°C (Industrial Grade) |
| **Interface** | PCIe or High-density Backplane Connector |
---
### 4. Typical Applications
* **Edge Computing:** Connecting multiple IoT sensors to a central gateway.
* **Telecommunications:** Serving as a line card in a central office DSLAM or Switch.
* **Surveillance:** Managing high-density IP camera feeds.
- ⤷
What is the specific manufacturer for the 48AV-4GVD-R part?
- ⤷ Does this module support PoE (Power over Ethernet) functionality?
- ⤷ What are the specific pinout configurations for the 4GVD uplink?