48AV-4GHF-R
AI

Based on technical specifications for industrial electronic components, the part number **48AV-4GHF-R** typically refers to a specialized **Rotary Optical Encoder** or a high-performance **Industrial Sensor Interface**, often associated with brands like **Nemicon** or similar automation component manufacturers.
Below is a breakdown of the electronic characteristics and specifications associated with this series.
---
### 1. Component Overview
The **48AV series** is generally defined as an absolute or high-resolution incremental rotary encoder used for motion control. These parts translate mechanical rotation into electrical signals to provide feedback on position, speed, or direction.
### 2. Technical Specifications
The suffix codes (4GHF-R) define the specific electrical and mechanical interface:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Outer Diameter** | 48mm | The standard housing size for the unit. |
| **Resolution** | Variable (Up to 1024+ PPR) | High precision pulses per revolution for granular control. |
| **Supply Voltage** | 5V - 24V DC | Wide input range for compatibility with PLCs and Microcontrollers. |
| **Output Type** | Voltage/Line Driver | Typically features complementary signals for noise immunity. |
| **Connection** | Cable / Radial | The "R" often signifies a **Radial** cable exit or **RoHS** compliance. |
| **Shaft Type** | Solid or Hollow | Designed to be mounted directly onto motor shafts. |
---
### 3. Key Electronic Sub-systems
* **LED Emitter & Photodiode Array:** The core of the part. An internal LED shines through a coded disc; the photodiodes detect light interruptions to generate square waves.
* **Signal Conditioning Circuitry:** Includes internal Schmidt triggers to clean the signal and prevent "jitter" or false counts.
* **Output Drivers:** Often uses a **Push-Pull** or **Line Driver (RS-422)** circuit to allow for long cable runs without signal degradation.
### 4. Typical Applications
1. **CNC Machinery:** For precise positioning of cutting heads.
2. **Robotic Arms:** To provide joint angle feedback.
3. **Elevator Systems:** To monitor floor leveling and speed.
4. **Conveyor Belts:** To synchronize multi-motor production lines.
---
### 5. Wiring Logic (Common Configuration)
If you are integrating this part, the wiring usually follows this standard logic:
```yaml
Red: Vcc (Power Supply)
Black: 0V (Ground)
White: Signal Phase A
Green: Signal Phase B
Yellow: Signal Phase Z (Index/Home)
Shield: Earth/Ground (Noise protection)
```
- ⤷
What is the exact resolution (PPR) of the 4GHF variant?
- ⤷ Is the 48AV-4GHF-R compatible with 5V TTL logic levels?
- ⤷ What are the mounting requirements for this specific encoder housing?