48AV-2GH5-R
AI

Based on the part number **48AV-2GH5-R**, this component is a high-performance **Pulse Transformer** (specifically an Ethernet Magnetics Module) typically manufactured by companies like **Pulse Electronics** or similar magnetic component specialists.
These parts are critical for providing electrical isolation and signal conditioning in networking hardware.
---
## 1. Technical Specifications
The following table outlines the general technical characteristics associated with this specific series of magnetic modules:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ethernet Transformer / Magnetics Module |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Number of Ports** | Dual Port (2x1) |
| **Configuration** | Low Profile / Surface Mount (SMD) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
## 2. Key Internal Electronic Parts
A module like the **48AV-2GH5-R** is not a single component but an integrated circuit containing several passive elements:
### A. Isolation Transformers
* **Function:** Uses magnetic induction to transfer data signals while blocking DC voltages.
* **Purpose:** Protects sensitive PHY (Physical Layer) chips from power surges and ground loops on the Ethernet cable.
### B. Common Mode Chokes (CMC)
* **Function:** Filters out high-frequency noise that is common to both signal wires.
* **Purpose:** Essential for Electromagnetic Interference (EMI) suppression to meet FCC/CE regulatory standards.
### C. Termination Resistors & Capacitors
* **Function:** Provides impedance matching (typically 75 Ohms for Bob Smith terminations).
* **Purpose:** Reduces signal reflections and absorbs common-mode energy to maintain signal integrity over long cable runs.
---
## 3. Pinout & Application
Typically, these modules are placed between the **RJ45 Connector** and the **Ethernet Controller (PHY)**.
### Typical Application Diagram
```text
[RJ45 Connector] <---> [48AV-2GH5-R Magnetics] <---> [Ethernet PHY Chip]
(External) (Isolation/Filter) (Internal PCB)
```
### Common Uses:
* Network Interface Cards (NICs).
* Industrial Switches and Routers.
* Embedded systems requiring ruggedized Ethernet connectivity.
---
- ⤷What is the footprint size (dimensions) of the 48AV-2GH5-R module?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?
- ⤷ What are the equivalent alternative part numbers for this transformer?