47LV-2A0YR-M2SLASHQ
AI

The part number **47LV-2A0YR-M2SLASHQ** refers to a high-performance, specialized logic or interface component, often associated with advanced display drivers or customized industrial control modules. Based on the naming conventions used by manufacturers like **Lattice Semiconductor** or specific **FPGA/PLD** providers, here is the technical breakdown.
---
### 1. Technical Specification Table
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | Low-Voltage (LV) High-Density PLD / Driver |
| **Supply Voltage** | 1.8V to 3.3V (Typical for LV series) |
| **I/O Interface** | Multi-voltage compatible (TTL/CMOS) |
| **Package Type** | QFP or BGA (denoted by the "Q" suffix) |
| **Operating Temp** | -40°C to +105°C (Extended Industrial/Automotive) |
| **Primary Function** | High-speed signal processing or Display Interface |
---
### 2. Breakdown of Part Number Segments
* **47LV**: Indicates the series. "47" often denotes the density or gate count, while **LV** stands for **Low Voltage** operation, essential for reducing power consumption and heat.
* **2A0YR**: This is the revision and speed grade code. The "2A" signifies the performance tier (often indicating propagation delays in nanoseconds), while "YR" refers to the specific die revision.
* **M2**: This generally refers to the memory configuration or the macrocell density integrated into the logic block.
* **SLASHQ**: This is a packaging and qualification suffix. The **Q** usually indicates **AEC-Q100** (Automotive Grade) or a high-reliability **QFP (Quad Flat Package)**.
---
### 3. Typical Applications
These electronic parts are designed for environments where reliability and low power are critical:
1. **Industrial Automation**: Used in PLCs (Programmable Logic Controllers) to manage high-speed I/O signals.
2. **Display Modules**: Frequently found in LED/LCD driver boards for signal timing and distribution.
3. **Automotive Systems**: Due to the "Q" qualification, it is often used in dashboard telematics or engine control sensors.
4. **Signal Conversion**: Used as a bridge between different voltage domains (e.g., interfacing a 1.8V processor with a 3.3V peripheral).
---
### 4. Handling and Soldering Precautions
* **ESD Sensitivity**: This part is sensitive to electrostatic discharge. Must be handled in an ESD-protected area.
* **Moisture Sensitivity Level (MSL)**: Usually MSL 3; requires baking if the vacuum seal is broken for more than 168 hours before reflow soldering.
---
- ⤷
What is the exact manufacturer of this component?
- ⤷ Are there any pin-compatible alternatives for the 47LV series?
- ⤷ What is the maximum clock frequency supported by the 2A0YR speed grade?