47LT-151W-R
AI

Based on the part number **47LT-151W-R**, this component is a **LAN Transformer** (also known as an Ethernet Isolation Transformer) typically manufactured by companies like **Link-Com** or **Bothhand**.
These components are critical in networking hardware (routers, switches, NICs) to provide galvanic isolation and signal conditioning.
---
## 1. Technical Specifications
Below is a breakdown of the typical specifications for this series:
| Parameter | Value / Description |
| :--- | :--- |
| **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) |
| **Inductance (OCL)** | 350uH Min @ 100KHz, 0.1V, 8mA DC Bias |
| **Insertion Loss** | -1.1 dB Max (1-100 MHz) |
| **Return Loss** | -18 dB Min (1-30 MHz) |
| **Isolation Voltage** | 1500 Vrms (Hi-Pot) |
| **Operating Temp** | 0°C to +70°C (Standard) |
| **Configuration** | Single Port, Surface Mount (SMD) |
---
## 2. Key Functions
The **47LT-151W-R** serves three primary purposes in an electronic circuit:
### A. Galvanic Isolation
It protects the internal sensitive circuitry (PHY chip) from external voltage spikes or surges originating from the Ethernet cable. It meets the IEEE 802.3 requirement for 1500V isolation.
### B. Impedance Matching
It ensures that the impedance of the Ethernet controller matches the 100-ohm impedance of the Twisted Pair (UTP) cable, preventing signal reflection and data loss.
### C. Noise Suppression (Common Mode Choke)
The "LT" series usually includes integrated Common Mode Chokes. These filter out electromagnetic interference (EMI) so the device complies with FCC/CE emission standards.
---
## 3. Part Number Decoder
While numbering can vary slightly by manufacturer, the code generally follows this logic:
* **47:** Series designation (often indicating 10/100 Base-TX).
* **LT:** LAN Transformer.
* **151:** Internal design/winding code.
* **W:** Package type (often refers to a specific wide-body or lead frame style).
* **-R:** RoHS Compliant (Lead-free).
---
## 4. Pinout & Internal Schematic
Usually, this is a **16-pin SMD** package.
* **Pins 1-8 (Line Side):** Connect to the RJ45 connector.
* **Pins 9-16 (Chip Side):** Connect to the Ethernet PHY/Controller.
* **Center Taps:** Often connected to a "Bob Smith" termination (capacitors/resistors) to further reduce EMI.
---
- ⤷
What is the difference between a 10/100 Base-TX and a 1000 Base-T transformer?
- ⤷ How do I test a LAN transformer using a multimeter?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?