công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LT-140W-R

  • AI
    The part number **47LT-140W-R** typically refers to a **Gas Discharge Tube (GDT)** or a specific **Surge Arrestor** component, often manufactured by companies like Littelfuse or specialized circuit protection brands. These components are designed to protect sensitive electronic equipment from high-voltage transients (surges). --- ## Technical Specifications & Characteristics Below is a breakdown of the typical specifications for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Sparkover Voltage** | 140V (±20%) | | **Impulse Discharge Current** | 10kA - 20kA (depending on wave shape) | | **Number of Electrodes** | 2-Electrode or 3-Electrode (Series dependent) | | **Mounting Type** | Through-hole (Radial Leads) | | **RoHS Status** | Compliant (R suffix usually denotes RoHS) | --- ## Key Functions ### 1. Overvoltage Protection The primary job of the 47LT-140W-R is to act as a "switch" that remains open during normal operation. When the voltage exceeds its threshold (140V), the gas inside ionizes, creating a low-resistance path to ground. ### 2. Low Capacitance Unlike Varistors (MOVs), GDTs have extremely low capacitance (often <1pF). This makes them ideal for: * High-speed data lines. * Telecommunication equipment. * RF antenna systems. ### 3. High Current Handling These devices can divert very high surge currents (thousands of Amperes) caused by lightning strikes or industrial power surges without being destroyed immediately. --- ## Common Applications * **Telecommunications:** Protection for ADSL, VDSL, and Ethernet lines. * **Power Supplies:** Used in the input stage to prevent spikes from reaching the internal circuitry. * **Industrial Equipment:** Protecting sensors and PLCs from electrical noise and surges. * **CATV/Broadband:** Protecting coaxial cable inputs. --- ## Comparison with other Protection Devices | Feature | GDT (47LT-140W-R) | MOV (Varistor) | TVS Diode | | :--- | :--- | :--- | :--- | | **Response Speed** | Slower (Microseconds) | Medium (Nanoseconds) | Fast (Picoseconds) | | **Capacitance** | Very Low | High | Medium/Low | | **Energy Handling** | Very High | High | Low | | **Life Span** | Limited by surges | Degrades over time | High reliability |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'W' and 'R' suffixes in this part number?
    • ⤷ Can this GDT be used in series with a Varistor for better protection?
    • ⤷ How do I test if a 140V GDT is still functioning correctly?