công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LT-100B-R

  • AI
    The **47LT-100B-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor**. These components are critical in power management circuits for energy storage and filtering. Below is a detailed breakdown of its specifications, construction, and applications. --- ## 1. Technical Specifications The part number suffix and series indicate the following typical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 10 $\mu$H | | **Tolerance** | $\pm$20% (standard for "M" or "B" series) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Shielded (Low EMI) | | **Core Material** | Ferrite | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Component Construction The "LT" series (often associated with manufacturers like Eaton/Coiltronics or similar high-reliability brands) features a specific architecture: * **Shielded Design:** The inductor is enclosed in a magnetic shield. This minimizes **Electromagnetic Interference (EMI)**, preventing the inductor's magnetic field from affecting nearby sensitive components on the PCB. * **Low Profile:** The "47" often refers to the physical footprint size (approximately 4.5mm to 5.0mm), designed for compact electronics. * **Ferrite Core:** Provides high permeability and low core losses at high frequencies. --- ## 3. Key Functions in a Circuit The 47LT-100B-R serves three primary roles in electronic assemblies: ### A. DC-DC Conversion In "Buck" or "Boost" converters, this inductor stores energy in its magnetic field during the switching cycle and releases it to the load, maintaining a steady output voltage. ### B. Noise Filtering It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise or ripple generated by switching power supplies. ### C. Energy Storage It smooths out current fluctuations, ensuring that delicate components like microprocessors receive a stable current flow. --- ## 4. Common Applications * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Power Supplies:** Small DC-DC VRM (Voltage Regulator Modules). * **LED Drivers:** Providing constant current for lighting arrays. * **Embedded Systems:** Industrial control boards where space is limited. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings (Isat and Irms) for this inductor?
    • ⤷ How does the 'Shielded' design compare to an unshielded inductor in terms of performance?
    • ⤷ What is the recommended solder reflow profile for the 47LT series?