công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LR-160YR-R

  • AI
    The part number **47LR-160YR-R** typically refers to a **Gas Discharge Tube (GDT)**, which is a specialized electronic component used for overvoltage protection and surge suppression. These components are critical for protecting sensitive electronics from lightning strikes and high-voltage transients. --- ### 1. Component Overview A Gas Discharge Tube acts as a high-speed switch. Under normal operating voltages, it remains in a high-impedance (non-conductive) state. When a voltage spike exceeds its threshold, the gas inside ionizes, creating a low-resistance path to divert the excess energy to the ground. ### 2. Technical Specifications While specific datasheets may vary slightly by manufacturer (such as Littelfuse, Bourns, or TDK), the alphanumeric code generally breaks down as follows: | Feature | Specification / Value | Description | | :--- | :--- | :--- | | **Type** | Gas Discharge Tube (GDT) | 2-Electrode Ceramic Surge Arrester | | **Breakdown Voltage** | ~1600V (1.6kV) | The "160" signifies the DC spark-over voltage. | | **Tolerance** | ±20% | Standard tolerance for spark-over voltage. | | **Series** | LR Series | Often denotes a specific physical size or lead configuration. | | **Packaging** | Reel (-R) | Indicates the part is supplied on Tape and Reel for automated assembly. | ### 3. Key Characteristics * **Low Capacitance:** GDTs have extremely low capacitance (often <1pF), making them ideal for high-speed data lines where signal integrity is vital. * **High Current Handling:** They can withstand very high surge currents (typically several kiloamperes) compared to MOVs or TVS diodes. * **Insulation Resistance:** Very high resistance (Giga-ohms) when in the "off" state. ### 4. Typical Applications These parts are commonly found in: * **Telecommunications:** Protecting ADSL/VDSL lines and base stations. * **Industrial Equipment:** Power supplies and signal controllers. * **Renewable Energy:** Surge protection in solar inverters. * **Consumer Electronics:** Protecting against static discharge and power surges in high-end appliances. ### 5. Circuit Symbol and Placement In a schematic, a GDT is placed in parallel with the load it is protecting. ```mermaid graph LR Input --> GDT_Connection GDT_Connection -- Parallel --> GDT[GDT 47LR-160YR-R] GDT --> Ground GDT_Connection --> Protected_Load ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a GDT and a TVS diode for surge protection?
    • ⤷ How do I calculate the correct voltage rating for a GDT in my circuit?
    • ⤷ What are the common failure modes of a Gas Discharge Tube?