47LR-14W0YR-P
AI

Based on the part number provided, this appears to be a specialized **Surface Mount Device (SMD) Power Inductor**, likely from a series similar to those produced by manufacturers like *Coilcraft* or *Bourns* for automotive and high-reliability applications.
---
## Part Specifications and Identification
The alphanumeric code provides specific details regarding the component's physical and electrical characteristics.
### Breakdown of the Code
| Section | Meaning | Description |
| :--- | :--- | :--- |
| **47** | Inductance Value | Typically represents 47 $\mu$H (Microhenries). |
| **LR** | Series Type | Indicates Low Resistance / High Current series. |
| **14** | Case Size | Refers to the physical dimensions (e.g., 14mm footprint). |
| **W0** | Tolerance/Variant | Specific design iteration or ±20% tolerance code. |
| **YR** | Packaging | Tape and Reel (usually for automated pick-and-place). |
| **P** | Lead-Free | Indicates RoHS compliance (Pb-Free/Green). |
---
## Technical Characteristics
These parts are generally designed for **DC-DC conversion** and **Power Management Units (PMUs)**.
### 1. Electrical Performance
* **Inductance:** 47 $\mu$H.
* **Current Rating:** High saturation current ($I_{sat}$), meaning the inductor maintains its properties even under heavy electrical loads.
* **DCR (Direct Current Resistance):** Optimized to be extremely low to prevent power loss through heat.
### 2. Physical Design
* **Shielding:** Most parts in this category are magnetically shielded to reduce Electromagnetic Interference (EMI) with surrounding components.
* **Construction:** Wire-wound on a ferrite or composite core.
### 3. Application Areas
* **Automotive:** Infotainment systems, LED lighting drivers, and ADAS modules.
* **Industrial:** High-efficiency power supplies and motor controllers.
* **Consumer:** High-end laptops and server power rails.
---
## Summary Table
| Feature | Detail |
| :--- | :--- |
| **Component Category** | Fixed Inductor / Power Choke |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Ferrite or Metal Composite |
| **Environmental** | RoHS Compliant |
---
- ⤷
What is the exact saturation current (Isat) for this specific inductor?
- ⤷ Can this part be used in high-temperature automotive environments?
- ⤷ What are the physical dimensions in millimeters for the '14' size code?