47LR-142R-R
AI

The part number **47LR-142R-R** refers to a high-precision, metal film fixed resistor. This component is designed for applications requiring stability, low noise, and tight tolerances.
---
### 1. Technical Specifications
Below are the primary technical parameters for the 47LR-142R-R:
| Feature | Specification |
| :--- | :--- |
| **Resistor Type** | Metal Film |
| **Resistance Value** | 142 Ohms ($\Omega$) |
| **Tolerance** | $\pm 1\%$ (Standard for 'LR' series) |
| **Power Rating** | 0.5 Watts (1/2 W) |
| **Temperature Coefficient** | $\pm 50 \text{ ppm/}^\circ\text{C}$ |
| **Package Type** | Axial Leaded |
| **Operating Temperature** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying similar components within the series:
* **47LR**: The series designation. "LR" typically denotes a Low Resistance or Professional Grade Metal Film series (often associated with manufacturers like TE Connectivity/Neohm).
* **142R**: The resistance value. The "R" acts as a decimal point or multiplier. In this case, it indicates **142 Ohms**.
* **-R**: Typically signifies **RoHS Compliance** (Restriction of Hazardous Substances) or "Taped and Reeled" packaging depending on the specific manufacturer's suffix code.
---
### 3. Key Characteristics
* **High Stability:** Metal film technology provides much better stability over time and temperature compared to carbon composition resistors.
* **Low Noise:** These resistors have very low current noise, making them ideal for high-fidelity audio circuits and sensitive measurement equipment.
* **Precision:** With a 1% tolerance, this part is used where exact voltage division or current limiting is required.
---
### 4. Common Applications
* **Signal Processing:** Used in filter circuits where precise resistance values define the cutoff frequency.
* **Audio Equipment:** Employed in pre-amplifiers to maintain signal integrity.
* **Industrial Controls:** Used in feedback loops for power supplies and motor controllers.
* **Test & Measurement:** Found in multimeters and calibration tools.
---
- ⤷
What is the physical size/dimensions of a standard 0.5W axial metal film resistor?
- ⤷ How does a metal film resistor compare to a carbon film resistor in terms of performance?
- ⤷ Can this resistor be used in high-frequency RF applications?