47LPQ-A0B-R
AI

The part number **47LPQ-A0B-R** belongs to the **47L series** of high-performance, ultra-low profile DC-DC converters, typically manufactured by companies like **Murata Power Solutions** (often part of their Okami product line).
---
## 1. Technical Specifications
The "LPQ" suffix generally denotes a specific configuration regarding output voltage, packaging, and environmental compliance.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Non-isolated Point-of-Load (PoL) DC-DC Converter |
| **Input Voltage Range** | Typically 7V to 14V (Nominal 12V) |
| **Output Voltage** | Often adjustable or fixed (commonly 0.6V to 5.0V range) |
| **Max Output Current** | High density (likely 20A - 40A depending on specific sub-series) |
| **Form Factor** | Ultra-low profile LGA (Land Grid Array) |
| **Efficiency** | Up to 95% - 96% |
---
## 2. Key Features
* **Ultra-Low Profile:** Designed for space-constrained applications like blade servers and high-density networking gear.
* **High Power Density:** Provides high amperage in a very small footprint.
* **Thermal Management:** The LGA packaging allows for efficient heat dissipation directly into the PCB copper layers.
* **Protection Suites:** Usually includes:
* Over-Current Protection (OCP)
* Over-Temperature Protection (OTP)
* Under-Voltage Lockout (UVLO)
---
## 3. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix **-R** almost universally indicates the packaging method:
| Suffix | Meaning |
| :--- | :--- |
| **47L** | Series Identifier (High-efficiency PoL) |
| **PQ** | Power/Package configuration code |
| **A0B** | Specific revision or voltage set-point code |
| **-R** | **Tape and Reel** (indicates it is packaged for automated SMT assembly) |
---
## 4. Common Applications
These components are critical in modern electronics where board space is at a premium but power demands are high:
1. **FPGA/DSP Power:** Providing precise, low-voltage high-current rails.
2. **Telecommunications:** Network routers and high-speed switches.
3. **Computing:** Server motherboards and data storage arrays.
- ⤷
What are the exact input and output voltage limits for the 47LPQ series?
- ⤷ Can you provide the footprint dimensions for the LGA package used in this part?
- ⤷ How does this part compare to the Okami OKL series in terms of efficiency?