47LPQ-50B-R/Q
AI

The part number **47LPQ-50B-R/Q** typically refers to a high-frequency, low-profile power inductor or a specific magnetic component (often manufactured by companies like Sumida or similar magnetic specialists). These are designed for space-constrained power management circuits.
### 1. Component Overview
The "47LPQ" series is characterized by its **Low Profile (LP)** and **Quality (Q)** standards, often intended for high-density DC-DC converter applications.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Surface Mount Power Inductor / Transformer |
| **Series** | 47LPQ (Low Profile Quad/Power) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Core Material** | Ferrite (High efficiency, low core loss) |
| **Application** | Switching regulators, VRMs, and portable electronics |
---
### 2. Breakdown of the Part Number
While specific manufacturer datasheets may vary slightly, the nomenclature usually follows this logic:
* **47:** Base series identifier (often relating to physical dimensions or base design).
* **LPQ:** **L**ow **P**rofile, **Q**uality/High Frequency optimized.
* **50B:** Refers to the inductance value or a specific design iteration. In many naming conventions, "50" might represent $5.0\mu H$ or a size code.
* **R/Q:**
* **R:** Usually denotes **RoHS Compliant** (Lead-free).
* **Q:** Often signifies **AEC-Q200** qualification (Automotive grade) or a specific tolerance/packaging standard.
---
### 3. Electrical & Physical Characteristics
These parts are engineered for performance in modern power stages:
* **Low DCR (DC Resistance):** Designed to minimize power loss as heat, increasing overall battery life in mobile devices.
* **High Saturation Current:** The "LPQ" design ensures the inductor can handle high peak currents without the magnetic field collapsing (saturating).
* **Shielded Construction:** Most components in this category are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring sensitive components.
---
### 4. Common Applications
| Sector | Typical Use Case |
| :--- | :--- |
| **Computing** | CPU/GPU voltage regulation modules (VRM). |
| **Automotive** | Infotainment systems and ADAS sensors (if Q-rated). |
| **Telecom** | Compact DC-DC converters in 5G base stations. |
| **Consumer** | High-end tablets and ultra-thin laptops. |
- ⤷What is the exact inductance value and current rating for the 50B variant?
- ⤷ Is this part AEC-Q200 qualified for automotive use?
- ⤷ What are the physical dimensions (footprint) of the 47LPQ series?