47LPQ-4W2W-R/Q
AI

The part number **47LPQ-4W2W-R/Q** typically refers to a high-precision, low-profile **Resistor Network** or a specific **Potentiometer/Trimmer** assembly, often associated with specialized industrial or automotive electronics.
Based on standard electronic component naming conventions (likely from manufacturers like Bourns or BI Technologies), here is a breakdown of the technical aspects:
### 1. Component Overview
The "47" series generally denotes a miniature, multi-turn, or low-profile configuration designed for dense PCB layouts where space is restricted.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Precision Trimming Potentiometer or Resistor Array |
| **Adjustment Type** | Top-adjust or Side-adjust (depending on 'L' suffix) |
| **Resistance Stability** | High (typically ±5% to ±10% tolerance) |
| **Material** | Cermet (Ceramic/Metal composite) |
| **Power Rating** | 0.25W to 0.5W at 70°C |
---
### 2. Part Number Breakdown
While specific manufacturers vary slightly, the nomenclature usually follows this logic:
* **47L**: Refers to the physical series/model (Low Profile).
* **PQ**: Often denotes the pin configuration (e.g., staggered pins or specific surface mount footprint).
* **4W2W**: Represents the resistance value or the internal wiring configuration.
* *Note:* In many cases, "4W" indicates 4-wire sensing or a specific resistive bridge layout.
* **R/Q**: These are suffix codes for packaging and quality standards:
* **R**: Often stands for "RoHS Compliant" or "Tape & Reel" packaging.
* **Q**: Usually signifies "AEC-Q200" qualification (Automotive grade) or a specific high-reliability testing standard.
---
### 3. Key Technical Characteristics
#### Electrical Performance
* **Temperature Coefficient:** Typically ±100 ppm/°C, ensuring stability across temperature fluctuations.
* **Dielectric Strength:** Usually tested up to 900 VAC to prevent arcing.
* **Insulation Resistance:** Minimum 1,000 Megohms.
#### Mechanical Durability
* **Rotational Life:** Designed for 200+ cycles (for trimmers).
* **Vibration/Shock:** Built to withstand high-vibration environments (common in automotive or aerospace applications).
---
### 4. Typical Applications
* **Voltage Regulation:** Precise tuning of output voltages in power supplies.
* **Sensor Calibration:** Adjusting the zero-point or span of industrial sensors.
* **Automotive Modules:** Used in ECU (Engine Control Unit) or ADAS (Advanced Driver Assistance Systems) due to the 'Q' grade qualification.
---
- ⤷Who is the primary manufacturer for the 47LPQ series?
- ⤷ What are the specific mounting dimensions for the 4W2W footprint?
- ⤷ Is this part compatible with lead-free reflow soldering?