47LPQ-41YR-R/Q
AI

Based on the part number **47LPQ-41YR-R/Q**, this component belongs to a specialized category of **Rotary Potentiometers** or **Position Sensors**, typically manufactured by brands like Bourns or Noble.
Below is a technical breakdown of the specifications and characteristics associated with this series of electronic parts.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Potentiometer / Encoder |
| **Series** | 47 Series (often low-profile or hollow shaft) |
| **Resistance / Output** | Specific to the "41YR" suffix (typically logarithmic or linear) |
| **Mounting Type** | Surface Mount (SMD) or Through-hole depending on the "R/Q" variant |
| **Material** | Carbon element or conductive plastic |
### 2. Part Number Breakdown
While exact manufacturer nomenclature varies, here is the standard interpretation for this series:
* **47L**: Represents the physical size/series (e.g., 4.7mm or 9mm low-profile series).
* **PQ**: Refers to the physical configuration, often indicating a **Hollow Shaft** or a specific **Vertical** mounting orientation.
* **41YR**: This is the electrical code.
* **41**: Often refers to the mechanical travel or rotation angle (e.g., 200° or 300°).
* **YR**: Often indicates the taper (Linear vs. Audio) and the resistance value (e.g., 10k or 50k Ohms).
* **R/Q**: These are packaging and quality markers:
* **R**: Generally stands for **Tape and Reel** packaging.
* **Q**: Often indicates a specific **Automotive Grade** or high-reliability qualification.
### 3. Key Applications
These parts are commonly found in compact consumer electronics and automotive interiors:
1. **Automotive Dashboards:** Used for volume control or temperature adjustment knobs.
2. **Audio Equipment:** Used in mixers or portable media players where space is limited.
3. **Industrial Controls:** Used as a position sensor for small motorized actuators.
### 4. Typical Physical Characteristics
* **Low Profile:** Designed to fit in slim assemblies where vertical space is restricted.
* **Durability:** Usually rated for 10,000 to 100,000 rotational cycles.
* **Hollow Center:** Many "PQ" models allow for an LED to be placed in the center of the shaft for backlighting the knob.
---
- ⤷
What is the exact resistance value for the 41YR code?
- ⤷ Is this part compliant with AEC-Q200 automotive standards?
- ⤷ What are the footprint dimensions for soldering this component?