47LM-1D2G-R
AI

The part number **47LM-1D2G-R** refers to a high-performance **Fiber Optic Transceiver Module**, typically categorized as an **SFP (Small Form-factor Pluggable)** module. These components are used in telecommunications and data networking to interface a network device motherboard (for a switch, router, or media converter) to a fiber optic or copper networking cable.
---
### Technical Specifications
The breakdown of its technical characteristics is summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Module Type** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | 1.25 Gbps (Gigabit Ethernet) |
| **Fiber Type** | Multi-Mode Fiber (MMF) |
| **Wavelength** | 850 nm |
| **Connector Type** | Dual LC (Lucent Connector) |
| **Distance Support** | Up to 550 meters (on 50/125µm MMF) |
| **Voltage Supply** | 3.3V |
| **Compliance** | RoHS, MSA (Multi-Source Agreement) |
---
### Key Internal Components
The electronic architecture of this module consists of several critical sub-parts:
1. **TOSA (Transmitter Optical Sub-Assembly):**
* Contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) diode.
* This component converts electrical signals from the host device into light pulses.
2. **ROSA (Receiver Optical Sub-Assembly):**
* Contains a **PIN Photodiode** and a Trans-Impedance Amplifier (TIA).
* This component detects incoming light pulses and converts them back into electrical signals.
3. **Laser Driver:**
* The integrated circuit (IC) that controls the current flowing to the laser to ensure stable light output.
4. **Limiting Amplifier:**
* Processes the electrical signal from the ROSA to ensure it meets the voltage swing requirements of the host system.
5. **EEPROM:**
* Stores identification data (serial number, vendor name) and configuration parameters which are read by the network switch via the **I2C interface**.
---
### Applications
* **Gigabit Ethernet:** Primary use in high-speed local area networks (LANs).
* **Fiber Channel:** Used in Storage Area Networks (SANs).
* **Switch-to-Switch Interfaces:** Connecting rack-mounted switches within a data center.
---
- ⤷
What is the difference between Single-Mode and Multi-Mode fiber for this module?
- ⤷ Does this specific model support Digital Diagnostic Monitoring (DDM)?
- ⤷ What are the common manufacturers for the 47LM series?