47LM-1D0R-R
AI

The **47LM-1D0R-R** is a specific electronic component, typically categorized as a **Low-Pass Filter (LPF)** or a specialized **Inductive/Magnetic Component** (often associated with brands like Delta Electronics or Pulse). It is commonly used in high-frequency signal processing and telecommunications.
### 1. General Specifications
While specific datasheets can vary by manufacturer, parts in the 47LM series generally follow these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Low Pass Filter / Delay Line |
| **Impedance** | 50 $\Omega$ or 75 $\Omega$ (application dependent) |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole |
| **Package/Case** | Molded plastic or Ceramic |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Features and Functions
The 47LM-1D0R-R serves several critical roles in a circuit:
* **Signal Integrity:** It filters out high-frequency noise that exceeds the desired bandwidth of the system.
* **Harmonic Suppression:** In RF (Radio Frequency) circuits, it is used to suppress harmonics generated by power amplifiers.
* **Impedance Matching:** Helps in matching the impedance between different stages of a circuit to prevent signal reflection.
* **Compact Design:** The "SMD" nature (if applicable) allows for high-density PCB layouts.
---
### 3. Application Areas
This component is frequently found in the following hardware:
1. **Telecommunications:** Base stations, routers, and high-speed modems.
2. **Video Equipment:** Used in processing analog video signals to remove aliasing or interference.
3. **Data Acquisition:** Protecting Analog-to-Digital Converters (ADCs) from high-frequency artifacts.
4. **Networking:** Integrated into Ethernet or DSL interface circuits.
---
### 4. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **47LM** | Series designation (Low-pass/Magnetic module) |
| **1D0R** | Specific electrical characteristic (e.g., 1.0 Cut-off or Delay) |
| **-R** | RoHS compliant (Lead-free) |
---
### 5. Installation Considerations
When working with the 47LM-1D0R-R, keep the following in mind:
* **Soldering Profile:** Ensure the reflow oven temperature does not exceed the component's maximum rating (usually $260^\circ C$).
* **Orientation:** Check for polarity or pin-1 markings, as filters are often directional.
* **Trace Width:** Maintain consistent PCB trace widths leading to the component to avoid impedance mismatches.
- ⤷
What is the exact cutoff frequency for the 47LM-1D0R-R?
- ⤷ Can this part be substituted with a generic inductor/capacitor network?
- ⤷ Is there a specific manufacturer datasheet available for this part?