AI

The part number **47LM-151YR-R/Q** typically refers to a specialized electronic component, most commonly associated with **Surface Mount (SMD) Power Inductors** or specific magnetic components used in power management.
Below is a breakdown of the technical specifications, characteristics, and applications for this type of component.
---
## 1. Technical Specifications
While specific manufacturers (such as Sumida, TOKO/Murata, or Chilisin) may have slight variations, the nomenclature generally follows this structure:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 150 $\mu$H | Represented by the code "151" (15 x 10^1) |
| **Tolerance** | $\pm$20% (M) or $\pm$30% | "M" or "Y" often denotes the tolerance range |
| **Mounting Type** | SMD / SMT | Surface Mount Technology |
| **Core Material** | Ferrite | High-frequency magnetic material |
| **Packaging** | Tape & Reel | Indicated by the "R" or "Q" suffix |
---
## 2. Component Breakdown
The alphanumeric string can be decoded as follows:
* **47LM**: Refers to the series or the physical dimensions (e.g., approximately 4.7mm or a specific footprint code).
* **151**: The value code. `15` followed by `1` zero = **150 Microhenries ($\mu$H)**.
* **YR**: Specific material characteristic or manufacturer-specific tolerance/temperature rating.
* **R/Q**: Usually indicates the packaging method (Reel) and Quality/Automotive grade status.
---
## 3. Key Characteristics
### Electrical Performance
* **DC Resistance (DCR):** Usually optimized to be as low as possible to minimize power loss and heat generation.
* **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 30%).
* **Heating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C) in the part.
### Physical Build
* **Shielding:** Most "LM" series parts are **Magnetic Shielded**, meaning they prevent electromagnetic interference (EMI) from affecting nearby components.
* **Footprint:** Designed for automated pick-and-place assembly.
---
## 4. Typical Applications
These components are primarily found in DC-DC conversion circuits.
1. **Consumer Electronics:** Power supplies for LED TVs, laptops, and tablets.
2. **Telecommunications:** Base station power modules and routers.
3. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators.
4. **Automotive:** If designated with "Q", it may be used in infotainment or body control modules (AEC-Q200 compliant).
---
## 5. Equivalent Replacement Considerations
If you are looking for a replacement for this part, ensure the following parameters match:
* **Footprint:** The Length x Width x Height must fit the PCB pads.
* **Inductance:** Must be 150$\mu$H.
* **Current Rating:** The replacement must have an equal or higher $I_{sat}$ and $I_{rms}$ rating to avoid overheating.
- ⤷
What is the maximum operating temperature for this component?
- ⤷ Are there specific manufacturers that produce the 47LM series?
- ⤷ How do I measure the inductance of this part using a multimeter?