47LM-150R-R
AI

The **47LM-150R-R** is a specific part number typically associated with **SMD (Surface Mount Device) Power Inductors**, specifically within the 47LM series. These components are designed for power management circuits where high current and low DC resistance are required.
---
### 1. Technical Specifications
The part number follows a standard industry naming convention which identifies its primary electrical characteristics:
| Property | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 15.0 µH | The "150" indicates 15 x 10^0 microhenries. |
| **Tolerance** | ±20% | Indicated by the "M" in the part code. |
| **Inductor Type** | Power Inductor | Designed for high current handling. |
| **Mounting Type** | SMD/SMT | Designed for automated PCB pick-and-place. |
| **Core Material** | Ferrite | High-frequency efficiency with low core loss. |
---
### 2. Key Features
* **Shielded Construction:** Most inductors in this series are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components.
* **Low DCR:** Low Direct Current Resistance ensures minimal energy loss as heat, increasing the efficiency of the power supply.
* **High Saturation Current:** Designed to maintain inductance levels even when high current spikes occur.
* **Compact Footprint:** Optimized for space-constrained electronics like laptops and mobile devices.
---
### 3. Common Applications
These inductors are primarily used in **DC-DC conversion** circuits. Common use cases include:
1. **Buck/Boost Converters:** Stepping voltage up or down in battery-powered devices.
2. **LED Drivers:** Providing stable current to high-brightness LEDs.
3. **Power Supplies:** Filtering noise and smoothing output voltage in switching power supplies (SMPS).
4. **Consumer Electronics:** Found in motherboards, graphics cards, and telecommunication equipment.
---
### 4. Part Number Breakdown
* **47LM**: Series identifier (usually relates to the physical dimensions, e.g., 4.0mm x 4.0mm or similar).
* **150**: The value code. `15` + `0` (zero) additional zeros = 15.0 µH.
* **M**: Tolerance code (M = ±20%).
* **R-R**: Packaging/RoHS designation (usually indicating Tape and Reel packaging and Lead-Free compliance).
- ⤷
What are the physical dimensions of the 47LM series?
- ⤷ What is the maximum saturation current for the 15uH model?
- ⤷ How does a shielded inductor differ from an unshielded one in PCB design?