công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LM-141R-R

  • AI
    The **47LM-141R-R** is a specific component used primarily in network equipment. Based on its nomenclature and technical application, it is a **10/100/1000 Base-T Single Port Discrete Magnetic Transformer**. These components are critical for Ethernet interfaces, providing electrical isolation and signal conditioning between the Ethernet controller and the RJ45 connector. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Component Type** | Lan Magnetic Transformer / Filter | | **Ports** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms (Standard for IEEE 802.3) | | **Turns Ratio** | Typically 1:1 (Transmit & Receive) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Functional Description The 47LM-141R-R performs three essential roles in an electronic circuit: 1. **Electrical Isolation:** Protects the sensitive integrated circuits (PHY) from high-voltage surges on the network cable (up to 1.5kV). 2. **Impedance Matching:** Ensures the signal integrity between the transceiver and the Unshielded Twisted Pair (UTP) cable. 3. **Common Mode Rejection:** Filters out electromagnetic interference (EMI) and noise, ensuring clean data transmission. --- ### 3. Pinout and Schematic Representation While exact pin numbering depends on the manufacturer (often brands like Bothhand or Link-Com), a standard 24-pin or 12-pin discrete magnetic schematic typically follows this logic: ```c [ PHY SIDE ] [ LINE SIDE ] TD+ ---(Transformer)--- MX+ (RJ45) TD- ---(Transformer)--- MX- (RJ45) CT ---(Capacitor)--- GND (Center Tap) ``` --- ### 4. Applications This part is commonly found in: * **Network Interface Cards (NICs):** For PC and server connectivity. * **Embedded Systems:** Industrial motherboards or IoT gateways. * **Network Switches/Routers:** Providing the physical link for individual ports. * **Set-top Boxes:** For wired internet connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the common alternatives to the 47LM-141R-R for Gigabit Ethernet?
    • ⤷ How does the '-R' suffix impact its environmental certification?
    • ⤷ Can this component be used in Power over Ethernet (PoE) applications?