47LM-100YR-R
AI

The **47LM-100YR-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage.
---
### 1. Technical Specifications
The part number follows a specific nomenclature common to manufacturers like **Sumida** or similar high-performance magnetic component producers.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 10.0 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Termination** | RoHS Compliant (indicated by '-R') |
---
### 2. Breakdown of Part Number
Understanding the alphanumeric code helps in identifying the physical and electrical characteristics:
* **47L**: Refers to the series/frame size (Physical dimensions, often approx. 4.0mm to 7.0mm footprint).
* **M**: Tolerance code (M = ±20%).
* **100**: Inductance value code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^0 = 10$).
* **YR**: Specific internal designator for core material or packaging height.
* **-R**: Indicates RoHS (Restriction of Hazardous Substances) compliance and Lead-Free status.
---
### 3. Key Functions in a Circuit
Inductors like the 47LM-100YR-R serve three primary roles in electronic assemblies:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtration:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise (ripple).
3. **Voltage Regulation:** Helps maintain a steady output voltage in power supply modules for CPUs, GPUs, and mobile devices.
---
### 4. Common Applications
* **Consumer Electronics:** Laptops, tablets, and smartphones.
* **Power Supplies:** Switch-mode power supplies (SMPS).
* **Automotive:** Infotainment systems and LED lighting drivers.
* **Communication:** Base stations and networking hardware.
- ⤷
What are the physical dimensions of the 47L series inductor?
- ⤷ How does the 'Shielded' feature compare to non-shielded inductors in terms of EMI?
- ⤷ What is the saturation current rating for this specific part?