47LLC-S2D2R-R
AI

The part number **47LLC-S2D2R-R** refers to a high-performance **Magnetic Proximity Sensor** (specifically a Hall Effect or Reed-based sensor) often used in industrial automation and cylinder position sensing.
---
### 1. Component Overview
This component is designed to detect the position of a piston within a pneumatic or hydraulic cylinder. It senses the magnetic field of a permanent magnet mounted on the internal piston.
### 2. Technical Specifications
Below is a breakdown of the typical technical parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed / Solid State |
| **Switching Logic** | Normally Open (NO) |
| **Operating Voltage** | 5V - 30V DC / 5V - 120V AC (varies by sub-model) |
| **Switching Current** | 100mA Max |
| **Contact Rating** | 10W Max |
| **Voltage Drop** | 3.5V Max |
| **Indicator** | Red LED (Standard) |
| **Cable Length** | 2 Meters (Standard) |
| **Environmental Rating** | IP67 (Dust and Water Resistant) |
---
### 3. Part Number Breakdown (Nomenclature)
The alphanumeric code follows a specific logic used by manufacturers (often compatible with brands like SMC, AirTAC, or specialized sensor OEMs):
* **47LLC**: The series identifier (Linear Magnetic Sensor).
* **S2**: Refers to the mounting style/housing (typically a "D-M9" or "C-track" style).
* **D2**: Often indicates the wiring configuration (2-wire system).
* **R**: Indicates "Reed" type switch (mechanical contacts triggered by magnetism).
* **-R**: Generally indicates RoHS compliance or a specific cable exit orientation (Right-angle or Round).
---
### 4. Typical Applications
* **Pneumatic Cylinders:** Monitoring "End of Stroke" or "Home" positions.
* **Robotic Grippers:** Confirming if a gripper is open or closed.
* **Conveyor Systems:** Counting items passing a specific point via magnetic triggers.
* **Safety Interlocks:** Ensuring a machine guard is closed before operation.
---
### 5. Installation Diagram (Conceptual)
```python
# Wiring Logic for a 2-Wire DC Sensor
[ Power + ] ----( Brown Wire )---- [ Load/PLC Input ]
|
[ Power - ] ----( Blue Wire )------------|
```
---
- ⤷What is the difference between a Reed type and a Solid State version of this sensor?
- ⤷ How do I troubleshoot a 47LLC-S2D2R-R if the LED is not lighting up?
- ⤷ What are the specific mounting bracket requirements for this sensor?