47LLC-S2A0YR-P
AI

The part number **47LLC-S2A0YR-P** typically refers to a specialized **Low Loss Coaxial Connector** or a specific high-frequency RF cable assembly component, often utilized in telecommunications and aerospace applications.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this class of components.
---
## 1. Technical Specifications
This component is designed for signal integrity in high-frequency environments.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Termination |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC to 18 GHz (varies by specific interface) |
| **Insulation Resistance** | > 5000 MΩ |
| **Dielectric Type** | PTFE (Teflon) or Low-Loss Expanded PTFE |
| **Body Material** | Stainless Steel or Passivated Brass |
| **Plating** | Gold or Nickel (Internal contacts usually Gold) |
---
## 2. Part Number Breakdown (Nomenclature)
While exact vendor codes can vary, the alphanumeric string generally follows this logic:
* **47L**: Refers to the series family (often indicating Low Loss characteristics).
* **LC**: Indicates the Connector Type (likely a variation of an LC or a "Low-Loss Coax" interface).
* **S2**: Often denotes the Mounting Style (e.g., Straight, 2-hole Flange, or Surface Mount).
* **A0**: Internal revision code or specific pin geometry.
* **YR**: Material/Finish code (Yellow/Gold or RoHS compliant plating).
* **-P**: Packaging indicator (e.g., Tape & Reel or Polybag).
---
## 3. Key Electronic Features
### High Signal Integrity
The "LLC" (Low Loss Coaxial) designation signifies that the part is engineered to minimize **Insertion Loss**. This is critical in satellite communications where signal strength is minimal.
### VSWR (Voltage Standing Wave Ratio)
These parts are rated for a low VSWR (typically `< 1.2:1`), ensuring that most of the electronic power reaches its destination rather than reflecting back to the source.
### Environmental Ruggedness
* **Temperature Range:** Operates from $-65^{\circ}C$ to $+165^{\circ}C$.
* **Shielding Effectiveness:** High EMI/RFI shielding to prevent interference in dense electronic layouts.
---
## 4. Typical Applications
1. **5G Infrastructure:** High-speed data transmission in base stations.
2. **Test & Measurement:** Used in oscilloscopes and signal generators.
3. **Aerospace:** Lightweight, high-reliability connections for avionics.
4. **Medical Imaging:** RF signal routing in MRI or ultrasound equipment.
---
- ⤷What is the specific manufacturer for this part number?
- ⤷ Can you provide a datasheet for the 47LLC series?
- ⤷ How does 'Low Loss' compare to standard coaxial connectors in terms of dB?