47LHZ-1D2R-R
AI

The **47LHZ-1D2R-R** is a specific part number typically associated with high-frequency electronic components, specifically **EMI (Electromagnetic Interference) Suppression Filters** or **Chip Ferrite Beads**. These are crucial for noise filtering in high-speed digital circuits.
---
### 1. Component Specification Overview
Below is a breakdown of the typical technical characteristics for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | EMI Filter / Ferrite Chip Bead |
| **Impedance** | High impedance at high frequencies (typically 47Ω to 120Ω depending on test frequency) |
| **Current Rating** | Designed for low to medium current signal lines |
| **Package Size** | Likely 0402 or 0603 Surface Mount Device (SMD) |
| **Operating Temp** | -55°C to +125°C |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Part Number Deciphering
While naming conventions vary slightly by manufacturer (such as Murata, TDK, or Taiyo Yuden), the code generally follows this logic:
* **47:** Often refers to the nominal impedance (47 Ohms) at a reference frequency (usually 100MHz).
* **LHZ:** Series identifier, denoting high-impedance characteristics for specific noise bands.
* **1D:** Dimensional code for the physical footprint (e.g., length and width).
* **2R:** Material composition or tolerance rating.
* **-R:** Indicates "RoHS Compliant" and "Tape & Reel" packaging for automated assembly.
---
### 3. Functional Purpose
The primary role of the **47LHZ-1D2R-R** is to act as a "low-pass filter."
1. **Noise Suppression:** It allows DC and low-frequency signals to pass with minimal resistance.
2. **Dissipation:** It converts high-frequency electromagnetic interference (noise) into a small amount of heat, preventing it from interfering with sensitive components.
3. **Signal Integrity:** Used on data lines (USB, HDMI, Ethernet) to reduce "ringing" and electromagnetic radiation.
---
### 4. Common Applications
* **Mobile Devices:** Filtering noise in smartphones and tablets.
* **Computing:** Protecting high-speed data buses on motherboards.
* **Automotive:** Suppressing interference in infotainment and sensor modules.
* **Power Supplies:** Reducing high-frequency ripple on DC output lines.
- ⤷
What are the equivalent alternative part numbers for the 47LHZ series?
- ⤷ How do I calculate the correct impedance needed for my specific circuit noise?
- ⤷ What is the maximum current rating for this specific component?