47LCT-1D2R-R
AI

The **47LCT-1D2R-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field and filter high-frequency noise.
Below is a detailed breakdown of the technical aspects and specifications for this part.
---
## 1. Component Overview
The 47LCT-1D2R-R is often associated with manufacturers like **Bourns** or similar magnetic component specialists. It belongs to the high-current, low-profile inductor family.
### Key Specifications Table
| Feature | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor (Shielded) |
| **Inductance** | 1.2 µH (Represented by "1D2R") |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Tolerance** | ±20% (Typical for power inductors) |
| **Core Material** | Metal Alloy / Carbonyl Powder |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
## 2. Technical Breakdown of the Part Number
Manufacturers use a specific nomenclature to describe the physical and electrical properties of the part:
* **47LCT**: Refers to the series or family of the inductor. This usually dictates the physical dimensions (footprint) and the core technology.
* **1D2R**: This is the **Inductance Code**.
* `1` = First digit
* `D` = Decimal point (sometimes used in place of 'R' in certain systems)
* `2` = Second digit
* `R` = Decimal point (standard)
* Result: **1.2 microhenries (µH)**.
* **-R**: Generally indicates **RoHS compliance** (Restriction of Hazardous Substances) and often implies that the part is lead-free.
---
## 3. Physical & Electrical Characteristics
### Magnetic Shielding
These inductors are usually **shielded**. This means the magnetic flux is contained within the body of the component, which:
1. Reduces Electromagnetic Interference (EMI) with neighboring components.
2. Increases efficiency in compact PCB layouts.
### Saturation Current ($I_{sat}$)
Due to the metal alloy core, these parts have a high saturation current. This allows the inductor to maintain its inductance even when high levels of DC current flow through it, preventing the core from "saturating" and losing effectiveness.
### DC Resistance (DCR)
The part is designed with a very low DCR to minimize power loss (heat) during operation, making it ideal for battery-operated devices.
---
## 4. Common Applications
| Application | Function |
| :--- | :--- |
| **DC/DC Converters** | Voltage regulation in laptops, tablets, and smartphones. |
| **GPU/CPU Power** | Providing stable, high-current power to processors. |
| **Point of Load (POL)** | Final stage voltage regulation on complex motherboards. |
| **Automotive** | Used in infotainment and ADAS systems (if AEC-Q200 qualified). |
---
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ Can you provide the physical dimensions/footprint for the 47LCT series?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?