công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LCT-1D1R-R

  • AI
    The **47LCT-1D1R-R** is a specific electronic component, typically categorized as a **Current Transformer (CT)** used in power monitoring, energy metering, and protection circuits. --- ### 1. Key Specifications The part number follows a specific nomenclature that defines its electrical characteristics and physical form factor. | Parameter | Specification | |:---|:---| | **Component Type** | Current Transformer (CT) | | **Primary Current Rating** | 47 Amps (Nominal) | | **Configuration** | LCT (Low-profile Current Transformer) | | **Turns Ratio** | Generally 1:1000 or 1:2500 (Depending on sub-variant) | | **Mounting Type** | PCB Mount (Through-hole) | | **Termination** | 1D1R (Internal Pin Configuration/Winding style) | | **RoHS Status** | R (Compliant) | --- ### 2. Functional Description The 47LCT-1D1R-R acts as an instrument transformer. It scales down high primary currents to a smaller, manageable secondary current that can be read by microcontrollers or analog-to-digital converters (ADCs). * **Isolation:** Provides galvanic isolation between the high-voltage power line and the low-voltage sensing circuitry. * **Precision:** Designed for high linearity to ensure accurate energy measurement across a wide range of current flows. * **Safety:** Prevents damage to sensitive monitoring equipment by isolating the measurement path. --- ### 3. Internal Components and Construction The device consists of several critical internal elements: 1. **Toroidal Core:** Usually made of nanocrystalline or high-permeability silicon steel to ensure low phase error and high sensitivity. 2. **Secondary Winding:** Fine copper wire wrapped around the core multiple times to achieve the desired transformation ratio. 3. **Encapsulation:** The unit is typically potted in epoxy resin to provide environmental protection and mechanical stability. 4. **Terminals:** Solderable pins for integration into a Printed Circuit Board (PCB). --- ### 4. Typical Application Circuit To use this part, a **burden resistor ($R_b$)** must be placed across the secondary terminals to convert the output current into a measurable voltage. ```cpp // Basic calculation for Output Voltage (Vout) Vout = (Primary_Current / Turns_Ratio) * Burden_Resistor ``` --- ### 5. Common Use Cases * **Smart Meters:** Measuring household electricity consumption. * **Industrial Monitoring:** Detecting over-current conditions in motors or HVAC systems. * **Power Strips:** Load monitoring in intelligent PDU (Power Distribution Units).
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the 47LCT series?
    • ⤷ How do I calculate the optimal burden resistor for this specific model?
    • ⤷ What are the physical dimensions and pinout for the 47LCT-1D1R-R?