47LCT-162B-R
AI

The part number **47LCT-162B-R** typically refers to a specialized **Current Transformer (CT)**, often used in power monitoring, energy metering, and circuit protection applications.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this type of component.
---
### 1. General Specifications
Based on standard industry naming conventions for the "LCT" series, here is a breakdown of its physical and electrical profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Low-profile Current Transformer |
| **Turns Ratio** | Typically 1:500 or 1:1000 (depending on specific revision) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Frequency Range** | 50Hz to 400Hz (Standard Power Frequencies) |
| **Core Material** | High-permeability Silicon Steel or Ferrite |
| **Compliance** | RoHS Compliant |
---
### 2. Key Characteristics
* **Encapsulation:** These units are usually epoxy-encapsulated (potted) to provide insulation against moisture, vibration, and high-voltage transients.
* **High Accuracy:** Designed for linear output proportional to the input current, making it suitable for digital energy meters.
* **Isolation:** Provides excellent galvanic isolation between the high-current primary conductor and the low-voltage secondary sensing circuit.
* **Compact Design:** The "LCT" designation often refers to a "Low Profile" or "Linear" CT, allowing it to fit into tight enclosures or rack-mounted power strips.
---
### 3. Application Use Cases
This component is commonly integrated into the following systems:
1. **Smart Meters:** Measuring household or industrial electricity consumption.
2. **PDU (Power Distribution Units):** Monitoring load current in data centers to prevent circuit overloads.
3. **AC Motor Protection:** Sensing overcurrent conditions to trigger safety shut-offs.
4. **Inverters:** Monitoring the output current in solar or UPS (Uninterruptible Power Supply) systems.
---
### 4. Circuit Implementation
To use this part, the secondary winding is typically connected to a "burden resistor." This converts the output current into a measurable voltage for an Analog-to-Digital Converter (ADC).
```c
// Pseudo-code logic for reading current from the CT
float get_current_rms(int pin) {
int raw_value = analogRead(pin);
// Convert ADC units to Voltage
float voltage = (raw_value / 1024.0) * V_REF;
// Calculate Current based on CT Turns Ratio and Burden Resistor
float current = (voltage / BURDEN_RESISTOR) * TURNS_RATIO;
return current;
}
```
---
- ⤷What is the maximum primary current rating for this specific model?
- ⤷ How do I calculate the optimal burden resistor value for a 47LCT transformer?
- ⤷ Is this part suitable for DC current sensing?