47LCT-152B-R
AI

The part number **47LCT-152B-R** typically refers to a **Power Inductor**, specifically a shielded surface-mount (SMD) component designed for power management circuits.
Below is a detailed breakdown of its specifications and characteristics based on standard industry naming conventions for this series.
---
### 1. Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.5 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M' or 'B' in some series) |
| **Component Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material Core** | Ferrite or Carbonyl Iron |
| **Packaging** | Tape & Reel (indicated by '-R') |
### 2. Part Number Breakdown
The nomenclature can be decoded as follows:
* **47LCT**: The series designation (often associated with low-profile, high-current power inductors).
* **152**: The inductance value code. The first two digits are significant figures, and the third is the multiplier.
* $15 \times 10^2$ = 1500 nH = **1.5 µH**.
* **B**: Tolerance or internal design revision code.
* **-R**: Indicates **RoHS Compliant** and/or packaged in **Tape & Reel**.
---
### 3. Key Features
* **Magnetic Shielding**: The "shielded" construction minimizes Electromagnetic Interference (EMI), preventing the magnetic field from affecting nearby components on the PCB.
* **High Current Capability**: Designed to handle significant DC currents without saturating the core.
* **Low DC Resistance (DCR)**: Optimized to reduce power loss (heat) during operation, improving overall energy efficiency.
* **Compact Footprint**: Ideal for high-density circuit boards found in modern electronics.
### 4. Common Applications
These inductors are primarily used in **DC-DC Converters** and voltage regulation modules. Specific applications include:
1. **Consumer Electronics**: Laptops, tablets, and smartphones.
2. **Power Supplies**: Point-of-Load (POL) converters.
3. **Communication**: Base stations and networking equipment.
4. **Automotive**: Infotainment systems and LED lighting drivers.
---
- ⤷
What is the maximum current rating (Irms/Isat) for the 47LCT series?
- ⤷ Can you provide the physical dimensions for the 152B-R package size?
- ⤷ What are the recommended soldering profiles for this SMD inductor?