công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LCT-150B-R

  • AI
    The **47LCT-150B-R** is a specific model of an **SMD (Surface Mount Device) Power Inductor**. It is part of the LCT series, commonly used in power management circuits to store energy and filter noise. --- ## 1. Technical Specifications Breakdown The alphanumeric code represents specific physical and electrical characteristics. Here is a breakdown of the technical profile: | Feature | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 15 µH | 15 Microhenries (indicated by "150") | | **Tolerance** | ±20% | Standard deviation for the LCT series | | **Mounting Type** | SMD / SMT | Surface Mount Technology | | **Core Material** | Ferrite | High magnetic permeability core | | **Shielding** | Unshielded/Semi-shielded | Typically open-type or resin-coated | | **Packaging** | Tape & Reel (R) | Designed for automated pick-and-place | --- ## 2. Key Characteristics ### Magnetic Properties The part is designed to handle high saturation currents. The ferrite core ensures that the inductance remains stable even as the DC current passing through the component increases. ### Physical Build * **Small Footprint:** Designed for high-density PCB layouts. * **Durability:** High resistance to mechanical shock and pressure. * **Thermal Stability:** Operates effectively within standard industrial temperature ranges (typically -40°C to +125°C). --- ## 3. Common Applications This specific inductor value (15 µH) is frequently found in the following electronic circuits: 1. **DC-DC Converters:** Used in Step-up (Boost) or Step-down (Buck) converters to smooth out output current. 2. **Power Supplies:** Acts as an energy storage element in switching mode power supplies (SMPS). 3. **Noise Filtering:** Used in EMI/RFI filtering to prevent electromagnetic interference from affecting sensitive components. 4. **Consumer Electronics:** Found in laptops, LED drivers, and battery-powered portable devices. --- ## 4. Equivalent Component Comparison | Feature | 47LCT-150B-R | Standard Alternatives | | :--- | :--- | :--- | | **Inductance** | 15 µH | 10 µH or 22 µH (Close values) | | **Core Type** | Ferrite | Ferrite / Iron Powder | | **Profile** | Low Profile | Standard or High Profile | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Icat) for the 47LCT-150B-R?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the physical dimensions of the 47LCT series package?