công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LCT-102B-R

  • AI
    The **47LCT-102B-R** is a specific electronic component typically categorized as a **Current Transformer (CT)**, specifically designed for low-current monitoring and precision measurements. ### 1. Technical Specifications The following table outlines the general characteristics of the 47LCT-102B-R series: | Parameter | Description | | :--- | :--- | | **Component Type** | Current Transformer (AC) | | **Primary Current Range** | Typically 0.1A to 10A (Model dependent) | | **Turns Ratio** | 1:1000 (standard for the 102 series) | | **Mounting Type** | Through-hole / PCB Mount | | **Lead Finish** | RoHS Compliant (indicated by the -R suffix) | | **Frequency Range** | 50Hz - 400Hz | --- ### 2. Functional Breakdown #### A. Core Material and Design The "102" in the part number often indicates a turns ratio of **1000:1**. This means that if 1 Ampere of current passes through the center hole (primary), the secondary winding will output 1 milliampere (mA). #### B. The "R" Suffix In modern electronics manufacturing, the **-R** suffix almost universally signifies **RoHS Compliance**. This means the part is manufactured without hazardous substances like lead, cadmium, or mercury, making it suitable for global distribution. #### C. Burden Resistor Requirement To convert the output current into a readable voltage for a Microcontroller (like an Arduino or ESP32), you must use a **Burden Resistor**. ```cpp // Example: Converting CT output to Voltage // V_out = I_secondary * R_burden // If I_primary = 5A and Ratio = 1000:1, I_secondary = 0.005A // With a 100 Ohm Burden Resistor: // V_out = 0.005 * 100 = 0.5V ``` --- ### 3. Common Applications * **Energy Meters:** Measuring household or industrial power consumption. * **Overload Protection:** Detecting when a motor or device is drawing too much current to trigger a safety shutdown. * **Current Monitoring:** Used in "Smart Home" devices to track whether an appliance is ON or OFF based on current draw. --- ### 4. Safety Considerations > **Warning:** Never leave the secondary leads of a current transformer open-circuited while current is flowing through the primary. This can induce extremely high voltages across the secondary terminals, potentially damaging the component or causing electrical shock.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct burden resistor for this transformer?
    • ⤷ What is the maximum primary current supported by the 47LCT-102B-R?
    • ⤷ Can this transformer be used to measure DC current?