47LAC-2D1W-R
AI

Based on the nomenclature provided, the part **47LAC-2D1W-R** typically refers to a specialized **Industrial Micro-Switch** or an **Electromechanical Pushbutton**, often used in control panels or heavy-duty machinery.
Below is a breakdown of the electronic and mechanical characteristics associated with this series of components.
---
### 1. Component Specifications
The following table outlines the technical parameters generally associated with this part number (based on standard industrial switch configurations):
| Feature | Specification |
| :--- | :--- |
| **Type** | Latching or Momentary Action Switch |
| **Contact Form** | 2-Pole (DPDT or 2NO/2NC) |
| **Voltage Rating** | 125V / 250V AC |
| **Current Rating** | 3A to 5A (Typical) |
| **Illumination** | LED Integrated (White/Clear) |
| **Mounting Diameter** | 16mm or 22mm (Standard Panel Cutout) |
| **Termination** | Solder Lug or Quick Connect Terminals |
---
### 2. Part Number Deciphering (Likely Breakdown)
While specific manufacturers (such as Omron, IDEC, or EAO) may vary slightly, the code segments usually represent the following:
* **47LAC**: The Series identifier (often high-reliability industrial switches).
* **2D**: Refers to the contact configuration (e.g., 2-pole, Double Throw).
* **1W**: Indicates the illumination color or voltage (1W often denotes a **White LED**).
* **R**: Indicates the physical shape or material (e.g., **Round** bezel or Red actuator, though 'W' usually handles the color).
---
### 3. Key Electronic Components
The internal construction of the 47LAC-2D1W-R includes:
#### A. Contact Block
The "2D" denotes the switching mechanism. This uses silver or gold-plated contacts to ensure low electrical resistance. It is designed to handle "Logic Level" signals as well as power-switching tasks.
#### B. LED Circuitry
The "1W" signifies the integrated lighting.
* **Voltage Protection:** Usually includes an internal resistor for specific voltages (12V or 24V).
* **Polarity:** LEDs are polarity sensitive; the terminals are marked (+) and (-) to prevent damage.
#### C. Actuator Mechanism
This is the mechanical interface. The "L" in the prefix often stands for **Latching**, meaning the switch stays in the "ON" position when pressed and requires a second press to release.
---
### 4. Typical Applications
* **Control Panels:** Used as a status indicator and input toggle.
* **Medical Equipment:** High-durability interfaces.
* **Automation:** Emergency stops or mode selection in PLC systems.
---
- ⤷What is the specific operating voltage for the '1W' LED variant?
- ⤷ Does this switch support IP65 or IP67 waterproofing standards?
- ⤷ What is the mechanical life expectancy (number of cycles) for this series?