47LAC-2D0R-R
AI

The part number **47LAC-2D0R-R** refers to a specific series of **surface-mount (SMD) power inductors**, typically manufactured by companies like **Sumida** or similar suppliers specializing in magnetic components.
Below is a detailed breakdown of the electronic characteristics and specifications associated with this component type.
---
### 1. General Specifications
This part is a high-performance inductor designed for DC-DC conversion and power management circuits.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 2.0 µH (indicated by "2D0") |
| **Tolerance** | ±20% (standard for R-suffix parts) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (prevents EMI) |
| **Core Material** | Ferrite |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Deciphering
Understanding the alphanumeric code helps in identifying the component's physical and electrical properties:
* **47L / 47LAC**: Refers to the series type and physical dimensions (usually approximately 4.7mm x 4.7mm).
* **2D0**: Represents the inductance value. The "D" acts as a decimal point. **2.0 Microhenries (µH)**.
* **R**: Generally signifies the tolerance or the packaging type (Tape & Reel) and environmental compliance (RoHS).
---
### 3. Key Performance Characteristics
#### A. Magnetic Shielding
The "LAC" series is typically **shielded**. This means the magnetic field is contained within the component, reducing electromagnetic interference (EMI) with neighboring components on the PCB. This is critical for compact devices like smartphones or laptops.
#### B. Current Ratings
These inductors are characterized by two types of current limits:
1. **Saturation Current ($I_{sat}$)**: The current level at which the inductance drops by a specific percentage (usually 30%).
2. **Temperature Rise Current ($I_{rms}$)**: The current that causes the component temperature to rise by 40°C above ambient.
#### C. DC Resistance (DCR)
This part is engineered for **Low DCR**. A lower resistance ensures higher efficiency and less heat generation during power conversion.
---
### 4. Common Applications
Due to its small footprint and shielding, this part is used in:
* **DC-DC Converters**: Buck, Boost, and Buck-Boost regulators.
* **Mobile Devices**: Power rails for CPUs and GPUs in tablets and phones.
* **LED Drivers**: Providing stable current for backlight displays.
* **Portable Electronics**: Digital cameras and handheld gaming consoles.
---
- ⤷
What are the exact physical dimensions (length
- ⤷ width
- ⤷ height) of the 47LAC series?
- ⤷ What is the typical saturation current (Isat) for a 2.0uH inductor in this class?
- ⤷ How does a shielded inductor differ from an unshielded one in terms of performance?