47LAC-261B-R
AI

The part number **47LAC-261B-R** typically refers to a specialized **LAN Transformer** or **Magnetic Module**, commonly used in Ethernet networking interfaces (RJ45 integrated connectors or discrete magnetic solutions).
---
## 1. Technical Overview
This component is designed to provide signal conditioning, impedance matching, and high-voltage isolation between the Physical Layer (PHY) chip and the network cable.
### Specifications (Typical)
| Parameter | Value/Description |
| :--- | :--- |
| **Component Type** | LAN Magnetic Transformer |
| **Port Configuration** | Single Port (1x1) |
| **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Isolation Voltage** | 1500 Vrms |
| **Turn Ratio** | 1:1 (Transmit & Receive) |
| **Termination** | Surface Mount (SMT/SMD) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Internal Components & Structure
The module is not a single part but a sub-assembly consisting of several passive elements housed in a plastic casing:
* **Isolation Transformers:** Protects the sensitive PHY silicon from common-mode transients and high voltage on the Ethernet cable.
* **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise to ensure signal integrity.
* **Auto-Transformer/Center Taps:** Used for DC biasing and power delivery in PoE (Power over Ethernet) applications (if supported by the specific variant).
---
## 3. Pinout and Circuit Layout
The "261B" designation often refers to a specific internal wiring schematic. Below is a conceptual representation of the internal circuit:
```mermaid
graph LR
subgraph Chip Side
A1[TD+] -- Transformer -- B1[TX+]
A2[CT] --- B2[CT]
A3[TD-] -- Transformer -- B3[TX-]
end
subgraph Media Side (RJ45)
B1 --> C1[Line 1]
B3 --> C2[Line 2]
end
```
---
## 4. Key Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Motherboards and Network Interface Cards (NICs).
* **IoT Devices:** Smart gateways and embedded Ethernet modules.
* **Set-top Boxes:** High-speed internet connectivity for media streaming.
---
## 5. Part Number Breakdown
While manufacturer codes vary (often Link-PP, Bothhand, or Pulse), the nomenclature usually follows this logic:
* **47:** Series code (often relates to physical size/footprint).
* **LAC:** Lead-frame/Case style or internal schematic type.
* **261B:** Specific electrical configuration (Turns ratio and pin mapping).
* **-R:** Lead-free / RoHS compliant packaging.
- ⤷
What are the equivalent alternative part numbers for the 47LAC-261B-R?
- ⤷ Can this component support Power over Ethernet (PoE)?
- ⤷ What is the operating temperature range for this specific LAN transformer?