công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LAC-250YR-R

  • AI
    The **47LAC-250YR-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a Surge Protective Device (SPD) component. These parts are designed to protect electronic circuits from voltage spikes and surges by clamping the voltage to a safe level. --- ### 1. General Specifications While specific datasheets may vary slightly by manufacturer, the part number follows a standard industry naming convention for high-energy varistors. | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Metal Oxide Varistor (MOV) | | **Max Continuous Operating Voltage (AC)** | 250V AC | | **Max Continuous Operating Voltage (DC)** | ~320V - 330V DC | | **Diameter/Size Code** | 47 (Often refers to a 47mm large-format disc) | | **Tolerance** | ±10% (Indicated by 'K' or 'R' suffixes in some brands) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Key Functions The primary role of this component is **overvoltage protection**. Here is how it operates within a circuit: * **High Impedance State:** Under normal operating conditions (below 250VAC), the varistor acts as an open circuit with very high resistance. * **Clamping Action:** When a surge (like a lightning strike or inductive switching) exceeds the breakdown voltage, the varistor's resistance drops drastically. * **Energy Dissipation:** It shunts the excess current to ground or across the line, protecting sensitive downstream components (like microprocessors or power supplies). --- ### 3. Physical Characteristics Components in the "47" size series are typically **Large Industrial Varistors**. * **Form Factor:** Large circular disc encapsulated in epoxy resin. * **Mounting:** Usually features heavy-duty "Y" or "R" shaped leads (crimped or straight) for PCB mounting, or bolt-on terminals for industrial panels. * **Thermal Protection:** Many models in this range include internal thermal links to prevent overheating during a sustained overvoltage event. --- ### 4. Common Applications Due to its high energy rating and 250V AC threshold, this part is commonly found in: 1. **Industrial Power Supplies:** Protecting 220V/240V mains inputs. 2. **Solar Inverters:** Handling surges from DC strings or AC grid connections. 3. **Heavy Machinery:** Protecting motor controllers and PLC inputs. 4. **Telecom Equipment:** Large-scale surge protection strips and distribution boxes. --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | |:---|:---| | **47** | Size/Diameter (47mm) - High energy capacity. | | **LA** | Series Type (Low Alpha or Lead-Added, depends on manufacturer). | | **C** | High Surge Current rating. | | **250** | Voltage Rating (250V AC). | | **YR** | Lead/Packaging Style (e.g., Y-shaped leads, Radial). | | **-R** | RoHS Compliant (Lead-free). |
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current (kA) rating for a 47mm varistor?
    • ⤷ How does a varistor differ from a Transient Voltage Suppressor (TVS) diode?
    • ⤷ In what circuit position should this component be placed for maximum protection?