công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LAC-24W0R-R

  • AI
    Based on the part number **47LAC-24W0R-R**, this component is a high-performance **rotary coded switch** or **potentiometer-style encoder**, typically associated with industrial control interfaces or automotive electronics. Below is a detailed breakdown of the electronic specifications and features associated with this series. --- ### ## 1. Technical Specifications The "47" series generally refers to specific mechanical dimensions and electrical ratings. Here is a summary of the typical parameters for this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Coded Switch / Absolute Encoder | | **Output Type** | Binary Coded Decimal (BCD) or Hexadecimal | | **Voltage Rating** | 24V DC (Standard) | | **Current Rating** | 100mA (Switching), 1A (Non-switching) | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 1000 MΩ at 250V DC | | **Operating Temperature** | -40°C to +85°C | | **Rotation Life** | 10,000 to 25,000 cycles | --- ### ## 2. Part Number Breakdown While manufacturer codes vary slightly, the alphanumeric string usually follows this logic: * **47L**: Indicates the specific series (Long-life, high precision). * **AC**: Refers to the coding type (often **A**bsolute **C**ode). * **24**: Represents the number of positions (24 detent positions, 15° per step). * **W**: Usually denotes the terminal style (e.g., Wire-wrap or Wave-solderable pins). * **0R-R**: Indicates the RoHS compliance and specific packaging (Reel or Radial). --- ### ## 3. Key Electronic Features * **Absolute Coding:** Unlike incremental encoders that require a "home" position, this part provides a unique digital code for every position. If power is lost, it remembers its position. * **Gold-Plated Contacts:** Designed to prevent oxidation, ensuring signal integrity even in low-current logic circuits. * **Detent Mechanism:** Provides tactile feedback to the user, ensuring the switch clicks firmly into each of the 24 positions. * **Sealed Construction:** Most parts in this series are wash-tight (IP67 rated), allowing them to survive PCB soldering and cleaning processes. --- ### ## 4. Common Applications This part is commonly found in: 1. **Industrial Equipment:** Setting addresses for PLC modules or choosing operating modes. 2. **Medical Devices:** Precision adjustment of parameters on ventilators or monitors. 3. **Communication Gear:** Channel selection on professional radio equipment. ---
    ✨ Follow-up Questions
    • ⤷ Can you provide the pinout diagram for a 24-position rotary switch?
    • ⤷ What are the primary differences between BCD and Gray code outputs in these switches?
    • ⤷ Are there equivalent drop-in replacements for the 47LAC series from other manufacturers?