công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LAC-240B-R

  • AI
    The **47LAC-240B-R** is a specific model of an AC axial cooling fan, typically manufactured by brands like **Commonwealth (COW)** or specialized industrial fan suppliers. These fans are designed for thermal management in electronic enclosures, server racks, and industrial machinery. --- ### 1. Technical Specifications The model name follows a standard industrial nomenclature. Below are the primary specifications for this component: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing (Indicated by 'B') | | **Dimensions** | 120mm x 120mm x 38mm (Standard "4.7 inch" size) | | **Housing Material** | Die-cast Aluminum | | **Blade Material** | PBT Thermoplastic (UL94V-0 Rated) | | **Connection** | Lead Wires (Indicated by 'R' or 'L') | --- ### 2. Breakdown of the Model Number Understanding the nomenclature helps in identifying replacement parts: * **47:** Refers to the frame size (approx. 4.7 inches or 120mm). * **L:** Often designates the series or specific motor type (Long-life/Low noise). * **AC:** Indicates the input power type (Alternating Current). * **240:** Represents the nominal voltage (240V). * **B:** Stands for **Ball Bearing**. Ball bearings are superior to sleeve bearings for high-temperature environments and allow for mounting in any orientation. * **R:** Usually indicates **RoHS Compliance** or specific lead wire configuration. --- ### 3. Key Electronic Components Internally, the 47LAC-240B-R consists of several critical electronic and mechanical parts: #### A. Shaded Pole Induction Motor Most AC fans of this type use a shaded-pole motor. It is simple, reliable, and does not require a start capacitor, making it highly durable for continuous 24/7 operation. #### B. Impedance Protection The motor is "Impedance Protected." This means that if the fan blades are obstructed (locked rotor), the internal resistance of the windings prevents the motor from drawing enough current to catch fire or melt the insulation. #### C. Dual Ball Bearing System * **Durability:** Rated for ~50,000 to 70,000 hours of use. * **Versatility:** Unlike sleeve fans, ball-bearing fans can be mounted horizontally, vertically, or at an angle without shortening their lifespan. --- ### 4. Application Areas * **Control Cabinets:** Used to dissipate heat generated by PLCs and Power Supplies. * **Server Racks:** Standard size for cooling networking equipment. * **Industrial Machinery:** Cooling for CNC machines and laser cutters. * **HVAC:** Small-scale ventilation and air circulation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ball bearing and a sleeve bearing fan in terms of lifespan?
    • ⤷ How do I calculate the CFM (Cubic Feet per Minute) requirements for an enclosure?
    • ⤷ What are the wiring color codes for 240V AC fans?