công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 47LAC-1D1R-R

  • AI
    The part number **47LAC-1D1R-R** typically refers to a specific configuration of a **rotary encoder** or a precision **potentiometer** (often associated with brands like Alpha or similar manufacturers in the industrial control sector). Below is a breakdown of the electronic specifications and characteristics associated with this component type. --- ### 1. General Specifications This component is designed for manual interface control, providing feedback to a microcontroller or processor to adjust settings such as volume, frequency, or menu navigation. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Rotary Encoder / Potentiometer | | **Switching** | Often includes an integrated push-momentary switch | | **Detents** | Usually 18 to 30 detents (clicks) per revolution | | **Mounting Type** | Through-hole (PCB Mount) | | **Terminal Style** | Right Angle or Vertical (model dependent) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown (Functional Logic) While exact numbering varies by vendor, the code generally follows this logic: * **47L**: Series designation (Low profile or specific housing size). * **AC**: Shaft type (often a "D-shape" or "Flatted" shaft). * **1D**: Resolution or pulses per revolution (PPR). * **1R**: Terminal orientation (Right Angle) or specific resistance taper if a potentiometer. * **-R**: RoHS (Lead-free) compliance. --- ### 3. Pin Configuration If this is a standard incremental rotary encoder with a push-switch, the pinout usually consists of 5 pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | **A** | Phase A | Output signal for directional sensing. | | **C** | Common | Ground / Reference pin. | | **B** | Phase B | Output signal (90° offset from Phase A). | | **S1** | Switch 1 | Contact for the integrated push button. | | **S2** | Switch 2 | Common for the integrated push button. | --- ### 4. Implementation Example (Arduino/C++) To interface this part with a microcontroller, you would typically use internal pull-up resistors to read the Gray code generated by pins A and B. ```cpp // Basic Rotary Encoder Read (Simplified) const int pinA = 2; const int pinB = 3; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } void loop() { int stateA = digitalRead(pinA); // Logic to compare stateA and stateB to determine CW or CCW rotation } ``` --- ### 5. Application Areas * **Consumer Electronics:** Volume knobs on stereos or digital interfaces. * **Industrial Controls:** Parameter adjustment on PLCs or test equipment. * **Computing:** Scroll wheels or multifunction dial inputs.
    ✨ Follow-up Questions
    • ⤷ Is this part a mechanical or optical encoder?
    • ⤷ What is the specific shaft length for the 47LAC series?
    • ⤷ Do you need a circuit diagram for debouncing the switch on this part?